Selected language     English  ▼


L-0505O0R10FBBS Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. L-0505O0R10FBBS
Description  Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 2 page
background image
L-NS
Low Value (0.03
Ω to 10 Ω) Thin Film Chip Resistors
Vishay Thin Film
Document Number: 60027
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 31-Jul-08
59
DIMENSIONS in inches and millimeters
DERATING CURVE
CASE SIZE
SIZE
LWT
D
INCHES
mm
INCHES
mm
INCHES
mm
INCHES
mm
+ 0.010/- 0.005 + 0.25/- 0.13
± 0.005
± 0.13
MAX.
+ 0.010/- 0.005 + 0.25/- 0.13
0505
0.050
1.27
0.050
1.27
0.020
0.51
0.016
0.41
0805*, 0705*
0.075
1.91
0.050
1.27
0.020
0.51
0.021
0.53
1005
0.100
2.54
0.050
1.27
0.030
0.76
0.021
0.53
1020
0.100
2.54
0.200
5.08
0.030
0.76
0.015
0.38
1206
0.126
3.20
0.063
1.60
0.030
0.76
0.020
0.51
1505
0.150
3.81
0.050
1.27
0.030
0.76
0.021
0.53
2010
0.200
5.08
0.100
2.54
0.030
0.76
0.019
0.48
2512
0.250
6.35
0.125
3.18
0.030
0.76
0.019
0.48
D
W
L
T
MECHANICAL SPECIFICATIONS
Resistive Element
Nickel Alloy
Substrate Material
Alumina
Terminals
Pre-soldered or gold
Lead (Pb)-free Option
96.5 % Sn, 3.0 % Ag, 0.5 % Cu
Lead (Pb)-free Finish
Hot Solder Dip
ENVIRONMENTAL TEST
TEST
1
Ω ΔR ± %
Thermal Shock
0.06
Short Term Overload
0.06
Low Temperature Operation
0.03
Resistance to Solder Heat
0.05
Moisture Resistance
0.35
High Temp. Exposure
0.35
Load Life (2000 h at + 70 °C)
0.40
TCR
± 235 ppm/°C
Ambient Temperature °C
0
70
125
150
0
20
40
60
80
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: L-1206M1R00GBT1 (preferred part number format)
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTICS
OHMIC
VALUE
TOLERANCE
TERMINATION
PACKAGING
L- = Low value
wraparound
chip resistor
0505
0805
1005
1020
1206
1505
2010
2512
M = 300 ppm/°C
N = 350 ppm/°C
O = 400 ppm/°C
P = 500 ppm/°C
First 3 digits
are significant
figures and
the last digit
specifies the
number of
zeroes to
follow. “R”
designates
the decimal
point.
Example:
0R10 = 0.1
Ω
1R60 = 1.6
Ω
F = 1 %
G = 2 %
H = 3 %
J = 5 %
K = 10 %
L = 20 %
B = Wraparound Sn/Pb solder
63 % Sn/37 % Pb w/
nickel barrier
G = Wraparound Au over Ni
(gold) termination
epoxy bondable
RoHS compliant - e4
W = Top side wire bondable
Au (gold)
RoHS compliant - e4
S = Wraparound lead
(Pb)-free solder
96.5 % Sn/3.0 % Ag/0.5 % Cu
RoHS compliant - e1
BS = BULK 100 Min 1 Mult
WS = WAFFLE 100 Min 1 Mult
TAPE AND REEL
T0 = 100 Min 100 Mult
T1 = 1000 Min 1000 Mult
T3 = 300 Min 300 Mult
T5 = 500 Min 500 Mult
TF = Full Reel
TS = 100 Min 1 Mult
Historical Part Number example: L1206M1R00HBT (will continue to be accepted)
L
1206
M
1R00
H
B
T
STYLE
CASE SIZE
TCR
CHARACTERISTICS
OHMIC VALUE
TOLERANCE
TERMINATION
PACKAGING
12
06
M
1
R
0
0G
B
T
1
L-




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2500Low Value Metal Film Resistors 1 Welwyn Components Limited
RT0201Thin Film Chip Resistors 1 2 List of Unclassifed Manufacturers
LRCSSMALL SIZE LOW VALUE CURRENT SENSE SURFACE MOUNT CHIP RESISTORS 1 2 Welwyn Components Limited
LRF3WLow Value 3W Chip Resistors 1 2 3 Welwyn Components Limited
RRS2012RRS series audio metal thin film chip resistors 1 List of Unclassifed Manufacturers
RL3720low resistance value chip resistors with long-side electrodes for high-precision current detection. 1 List of Unclassifed Manufacturers
MFUThin Film Flat Chip Fuses 1 2 3 4 5 MoreVishay Siliconix
RMK33N_08Dual Value Chip Resistors Center Tap 1 2 3 Vishay Siliconix
HVLHigh Voltage Low Inductance Thick film Resistors 1 2 Welwyn Components Limited
MV217Low Resistance Power Film Resistors 1 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl