Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWE-3.3-6-Q48NB-C Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # UWE-3.3-6-Q48NB-C
Description  Wide Input, Isolated Eighth-Brick DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWE-3.3-6-Q48NB-C Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button UWE-3.3-6-Q48NB-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWE-3.3-6-Q48NB-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWE-3.3-6-Q48NB-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UWE-3.3-6-Q48NB-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UWE-3.3-6-Q48NB-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UWE-3.3-6-Q48NB-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UWE-3.3-6-Q48NB-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UWE-3.3-6-Q48NB-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UWE-3.3-6-Q48NB-C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UWE Series
Wide Input, Isolated
Eighth-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UWE Series.A17 Page 8 of 20
MECHANICAL SPECIFICATIONS (continued)—BASEPLATE INSTALLED
.062 PINS
0.21 (5.3) @
.040 PINS
0.19 (4.8) @
.071±.002 STANDOFF
AT EACH
.040 PIN
0.50 (12.7)
.45
TOP VIEW
0.14 (3.6)
2.30
(58.4)
0.90 (22.9)
1.500
.40
.625
M2X0.4 - 6H
.15" MAX SCREW
PENETRATION
4X THRU
SIDE VIEW
ALUMINUM
BASEPLATE
.040±.002
AT PINS 1-3, 5-7
.062±.002
AT PINS 4 & 8
ISOMETRIC
VIEW
END VIEW
BOTTOM VIEW
PIN 1
PIN 2
PIN 3
PIN 4
PIN 8
PIN 7
PIN 6
PIN 5
REF
.600
.300
.150
.150
2.000
(50.8)
.600
0.15 (3.8)
MATERIAL:
.040 PINS: C26000 BRASS, 3/4 HARD
.062 PINS: C10200 COPPER ALLOY, FULL HARD
FINISH: (ALL PINS)
GOLD (5 MICROINCHES MIN) OVER NICKEL (50 MICROINCHES MIN)
MOUNTING PLANE
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚


Similar Part No. - UWE-3.3-6-Q48NB-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE-3.3/20-Q12 MURATA-PS-UWE-3.3/20-Q12 Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-3.3/20-Q12N-C MURATA-PS-UWE-3.3/20-Q12N-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-3.3/20-Q12NB-C MURATA-PS-UWE-3.3/20-Q12NB-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-3.3/20-Q12P-C MURATA-PS-UWE-3.3/20-Q12P-C Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
UWE-3.3/20-Q12P-C MURATA-PS-UWE-3.3/20-Q12P-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
More results

Similar Description - UWE-3.3-6-Q48NB-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
   Non-Isolated 28A Eighth Brick DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
   Eighth-Brick 240-Watt Isolated DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com