Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS78RBMCT502E4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ECS78RBMCT502E4
Description  Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ECS78RBMCT502E4 Datasheet(HTML) 2 Page - Vishay Siliconix

  ECS78RBMCT502E4 Datasheet HTML 1Page - Vishay Siliconix ECS78RBMCT502E4 Datasheet HTML 2Page - Vishay Siliconix ECS78RBMCT502E4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 54008
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 24-May-07
29
Series ECS
Precision Rotative Transducers,
Conductive Plastic, Economic Series (ECS)
Vishay Sfernice
Notes:
(1)
On request: Ø 10.3 mm or 12.3 mm
(2)
On request: without antirotation pin
DIMENSIONS in millimeters, general tolerance ± 0.5 mm
78 PB
78 RB
SIZE 09
8
7.92 ± 0.13
Ø 1.6 ± 0.1
(2)
× 1.6
Ø 22.2 ± 0.13
Ø 9.52
± 0.1
(1)
Ø 9.52 × 0.79
3/
8 - 32 NEF - 2A
Ø 6.35
Ø 8 MAX.
7 MIN.
9.3 ± 0.25
22.2 ± 0.8
8 ± 0.4
2.5 MAX.
78 PS
78 RS
SIZE 09
Ø 22.2 ± 0.13
Ø 3.175
+ 0
- 0.013
Ø 19.8
MAX.
12.7 ± 0.8
12.4 ± 0.4
2.5 max.
1.6
1.6
1.5 MIN.
+ 0.1
- 0.1
+ 0.1
- 0.1
Ø 19.05
+ 0
- 0.05
+ 0.1
- 0.1
REAR VIEW DIMENSIONS in millimeters, general tolerance 0.5 mm
General Tolerance ± 0.5 mm
STANDARD
3 TURRETS
SIZE 09
Ø 9.6
1
2
3
90°
Ø 8.6
90°
3
1
Ø 1.6
3.7 MAX.
SPECIAL
(4 TURRETS)
INTERMEDIATE TAP ON REQUEST
2
4
ORDERING INFORMATION/DESCRIPTION
ECS
78
P
S
M
A
T
103
e4
SERIES
MODEL
TYPE
FIXATION
MECHANICAL
STOPS
LINEARITY
TAP
OHMIC VALUE
LEAD
P
S: Servo
On request
A: ± 1% or ± 2 %
On request
102: 1 k
Ω
Finish
R
B: Bushing
M
B: ± 0.5 %
T: Voltage
202: 2 k
Ω
C: ± 0.35 %
U: Current
502: 5 k
Ω
position to
103: 10 k
Ω
be specified
SAP PART NUMBERING GUIDELINES
ECS
78RB
B
102
SERIES
MODEL
LINEARITY
OHMIC VALUE


Similar Part No. - ECS78RBMCT502E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECS78RBB102 VISHAY-ECS78RBB102 Datasheet
136Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
More results

Similar Description - ECS78RBMCT502E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECS VISHAY-ECS_V01 Datasheet
136Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
ECO VISHAY-ECO Datasheet
566Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
Revision: 07-Sep-07
ECO VISHAY-ECO_V01 Datasheet
132Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)s
01-Jan-2022
ROT156SF VISHAY-ROT156SF Datasheet
398Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Servo Mounting
Revision: 22-Mar-07
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
Revision: 22-Mar-07
ROTBF VISHAY-ROTBF Datasheet
354Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
01-Jan-2022
ROTSF VISHAY-ROTSF Datasheet
303Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Servo Mounting
01-Jan-2022
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 300 mm
Revision: 17-Sep-12
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 3000 mm
Revision: 26-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com