Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MONO-AXIAL200-500 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MONO-AXIAL200-500
Description  Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MONO-AXIAL200-500 Datasheet(HTML) 5 Page - Vishay Siliconix

  MONO-AXIAL200-500 Datasheet HTML 1Page - Vishay Siliconix MONO-AXIAL200-500 Datasheet HTML 2Page - Vishay Siliconix MONO-AXIAL200-500 Datasheet HTML 3Page - Vishay Siliconix MONO-AXIAL200-500 Datasheet HTML 4Page - Vishay Siliconix MONO-AXIAL200-500 Datasheet HTML 5Page - Vishay Siliconix MONO-AXIAL200-500 Datasheet HTML 6Page - Vishay Siliconix MONO-AXIAL200-500 Datasheet HTML 7Page - Vishay Siliconix MONO-AXIAL200-500 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 45167
If not in range chart or for technical questions, please contact: cmll@vishay.com
www.vishay.com
Revision: 18-Sep-06
33
Mono-Axial
Dipped Axial Multilayer Ceramic Capacitors
for 200 - 500 Vdc
Vishay
MONO-AXIAL C0G - 200 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
820
200 Vdc
A821J20C0GL5UAA
A821K20C0GL5UAA
AMMO
1000
A102J20C0GL5TAA
A102K20C0GL5TAA
REEL
1000
A102J20C0GL5UAA
A102K20C0GL5UAA
AMMO
1200
A122J20C0GL5TAA
A122K20C0GL5TAA
REEL
1200
A122J20C0GL5UAA
A122K20C0GL5UAA
AMMO
1500
A152J20C0GL5TAA
A152K20C0GL5TAA
REEL
1500
A152J20C0GL5UAA
A152K20C0GL5UAA
AMMO
1800
A182J20C0GL5TAA
A182K20C0GL5TAA
REEL
1800
A182J20C0GL5UAA
A182K20C0GL5UAA
AMMO
2200
A222J20C0GK5TAA
A220K20C0GK5TAA
REEL
2200
A222J20C0GK5UAA
A220K20C0GK5UAA
AMMO
MONO-AXIAL X7R - 500 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
10 % TOLERANCE
20 % TOLERANCE
PACKAGING
100
500 Vdc
A101K15X7RL5TAA
A101M15X7RL5TAA
REEL
100
A101K15X7RL5UAA
A101M15X7RL5UAA
AMMO
120
A121K15X7RL5TAA
A121M15X7RL5TAA
REEL
120
A121K15X7RL5UAA
A121M15X7RL5UAA
AMMO
150
A151K15X7RL5TAA
A151M15X7RL5TAA
REEL
150
A151K15X7RL5UAA
A151M15X7RL5UAA
AMMO
180
A181K15X7RL5TAA
A181M15X7RL5TAA
REEL
180
A181K15X7RL5UAA
A181M15X7RL5UAA
AMMO
220
A221K15X7RL5TAA
A221M15X7RL5TAA
REEL
220
A221K15X7RL5UAA
A221M15X7RL5UAA
AMMO
270
A271K15X7RL5TAA
A271M15X7RL5TAA
REEL
270
A271K15X7RL5UAA
A271M15X7RL5UAA
AMMO
330
A331K15X7RL5TAA
A331M15X7RL5TAA
REEL
330
A331K15X7RL5UAA
A331M15X7RL5UAA
AMMO
390
A391K15X7RL5TAA
A391M15X7RL5TAA
REEL
390
A391K15X7RL5UAA
A391M15X7RL5UAA
AMMO
470
A471K15X7RL5TAA
A471M15X7RL5TAA
REEL
470
A471K15X7RL5UAA
A471M15X7RL5UAA
AMMO
560
A561K15X7RL5TAA
A561M15X7RL5TAA
REEL
560
A561K15X7RL5UAA
A561M15X7RL5UAA
AMMO
680
A681K15X7RL5TAA
A681M15X7RL5TAA
REEL
680
A681K15X7RL5UAA
A681M15X7RL5UAA
AMMO
820
A821K15X7RL5TAA
A821M15X7RL5TAA
REEL
820
A821K15X7RL5UAA
A821M15X7RL5UAA
AMMO
1000
A102K15X7RL5TAA
A102M15X7RL5TAA
REEL
1000
A102K15X7RL5UAA
A102M15X7RL5UAA
AMMO
1200
A122K15X7RL5TAA
A122M15X7RL5TAA
REEL
1200
A122K15X7RL5UAA
A122M15X7RL5UAA
AMMO
1500
A152K15X7RL5TAA
A152M15X7RL5TAA
REEL
1500
A152K15X7RL5UAA
A152M15X7RL5UAA
AMMO
1800
A182K15X7RL5TAA
A182M15X7RL5TAA
REEL
1800
A182K15X7RL5UAA
A182M15X7RL5UAA
AMMO
2200
A222K15X7RL5TAA
A222M15X7RL5TAA
REEL
2200
A222K15X7RL5UAA
A222M15X7RL5UAA
AMMO
2700
A272K15X7RL5TAA
A272M15X7RL5TAA
REEL
2700
A272K15X7RL5UAA
A272M15X7RL5UAA
AMMO
3300
A332K20X7RL5TAA
A332M20X7RL5TAA
REEL


Similar Part No. - MONO-AXIAL200-500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
More results

Similar Description - MONO-AXIAL200-500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
A223K15X7RF5TAA VISHAY-A223K15X7RF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES_V01 Datasheet
106Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
A103K15X7RF5TAA VISHAY-A103K15X7RF5TAA Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com