Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y0015150R000T1L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y0015150R000T1L
Description  Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y0015150R000T1L Datasheet(HTML) 3 Page - Vishay Siliconix

  Y0015150R000T1L Datasheet HTML 1Page - Vishay Siliconix Y0015150R000T1L Datasheet HTML 2Page - Vishay Siliconix Y0015150R000T1L Datasheet HTML 3Page - Vishay Siliconix Y0015150R000T1L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63011
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 05-Jun-07
3
VTA52 through 56, VMTA55, VMTB60
Bulk Metal® Foil Technology
Tubular Axial-Lead Resistors, Meets or Exceed
MIL-R-39005 Requirements
Vishay Foil Resistors
Note
* For non-standard requests, please contact Application Engineering.
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y0058150K000Q19L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = TCR V4 Standard
1 = TCR V3 Standard
2 = TCR V2 Standard
9 = TCR V4 Lead (Pb)-free
19 = TCR V3 Lead (Pb)-free
29 = TCR V2 Lead (Pb)-free
3 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0028 = VTA52
0029 = VTA53
0054 = VTA54
0058 = VTA55
0060 = VTA56
0014 = VMTA55
0015 = VMTB60
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
L = Bulk
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0058 150K000 Q 19 L:
TYPE: VTA55
VALUE: 150.0 k
Ω
ABSOLUTE TOLERANCE: ± 0.02 %
TCR: V3
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk
HISTORICAL PART NUMBER: VTA55V3T 150K00 Q B (will continue to be used)
VTA55
V3
T
150K00
Q
B
MODEL
TCR
TERMINATION
OHMIC VALUE
RESISTANCE
TOLERANCE
PACKAGING
VTA52
VTA53
VTA54
VTA55
VTA56
VMTA55
VMTB60
V4
V3
V2
T = Lead (Pb)-free
None = Tin/Lead alloy
150K00 = 150.0 k
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = Bulk
05
8
10
K
0
5
Y0
1
0
L
0
Q
9


Similar Part No. - Y0015150R000T1L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y0019120K500A VISHAY-Y0019120K500A Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
Y0019120K500B VISHAY-Y0019120K500B Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
Y0019120K500C VISHAY-Y0019120K500C Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
Y0019120K500D VISHAY-Y0019120K500D Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
Y0019120K500F VISHAY-Y0019120K500F Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
More results

Similar Description - Y0015150R000T1L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
RNC90Z VISHAY-RNC90Z Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
1240 VISHAY-1240 Datasheet
152Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
Revision: 17-Jun-08
1260 VISHAY-1260 Datasheet
113Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 3/8 Inch Square, RJ24 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
Revision: 29-Feb-08
RNC90Y VISHAY-RNC90Y Datasheet
303Kb / 5P
   Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 03-Sep-08
1202 VISHAY-1202 Datasheet
137Kb / 6P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
Revision: 13-Nov-07
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
   Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
Revision 17-Aug-04
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
   Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
Revision 26-Jan-05
VSR144 VISHAY-VSR144 Datasheet
40Kb / 2P
   Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
Revision 05-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com