Selected language     English  ▼


L-0505M1R60FBBS Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. L-0505M1R60FBBS
Description  Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 1 page
background image
Low Value (0.03
Ω to 10 Ω) Thin Film Chip Resistors
L-NS
Vishay Thin Film
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60027
58
Revision: 31-Jul-08
With extremely low resistances and high power capabilities,
VISHAY’s proven and unique ultra-low value resistors
can be used in your hybrid or surface mount applications.
These resistors are available with solderable or weldable
terminations.
CONSTRUCTION
FEATURES
• Lead (Pb)-free or Sn/Pb terminations available
• Homogeneous nickel alloy film
• No inductance for high frequency application
• Alumina substrates for high power handling capability
(2 W max power rating)
• Pre-soldered or gold terminations
• Epoxy bondable termination available
TYPICAL PERFORMANCE
(Resistor values beyond ranges shall be reviewed by the factory)
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
0805
Adhesion layer
High Purity
Alumina
Nickel barrier
Solder
coating
Passivation
Resistor Film
ABS
TCR
300
TOL
1.0
VALUE AND MINIMUM TOLERANCE
VALUE
(
Ω)
MINIMUM
TOLERANCE
0.1
± 2.0 %
0.25
± 1.0 %
0.5
± 1.0 %
1.0
± 1.0 %
2.0
± 1.0 %
10.0
± 1.0 %
< 0.1
20 %
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Case Sizes
0505, 0705, 0805, 1005, 1020, 1206, 1505, 2010, 2515
Resistance Range
0.03
Ω to 10.0 Ω
Absolute TCR
± 300 ppm/°C
- 55 °C to + 125 °C
Noise
< - 30 dB typical
Power Rating
up to 2.0 W
at + 70 °C
CASE SIZE
0505
0705
0805
1005
1020
1206
1505
2010
2512
Power Rating - mW
125
200
200
250
1000
330
500
1000
2000
Min. Resistance -
Ω
0.05
0.10
0.10
0.15
0.03
0.10
0.25
0.17
0.18
Max. Resistance -
Ω
5.0
6.0
6.0
10.0
3.0
10.0
10.0
10.0
10.0
Available
Pb-free
RoHS*
COMPLIANT




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2500Low Value Metal Film Resistors 1 Welwyn Components Limited
RT0201Thin Film Chip Resistors 1 2 List of Unclassifed Manufacturers
LRCSSMALL SIZE LOW VALUE CURRENT SENSE SURFACE MOUNT CHIP RESISTORS 1 2 Welwyn Components Limited
LRF3WLow Value 3W Chip Resistors 1 2 3 Welwyn Components Limited
RRS2012RRS series audio metal thin film chip resistors 1 List of Unclassifed Manufacturers
RL3720low resistance value chip resistors with long-side electrodes for high-precision current detection. 1 List of Unclassifed Manufacturers
MFUThin Film Flat Chip Fuses 1 2 3 4 5 MoreVishay Siliconix
RMK33N_08Dual Value Chip Resistors Center Tap 1 2 3 Vishay Siliconix
HVLHigh Voltage Low Inductance Thick film Resistors 1 2 Welwyn Components Limited
MV217Low Resistance Power Film Resistors 1 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl