Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDVALB Datasheet(PDF) 2 Page - Vectron International, Inc

Part # FDVALB
Description  Voltage Controlled Crystal Oscillator (VCXO)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FDVALB Datasheet(HTML) 2 Page - Vectron International, Inc

  FDVALB Datasheet HTML 1Page - Vectron International, Inc FDVALB Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F-Type VCXO
2
Handling Precautions
Although protection circuitry has been designed into this
device, proper precautions should be taken to avoid exposure
to electrostatic discharge (ESD) during handling and mounting.
VTI employs a human-body model (HBM) and a charged-
device model (CDM) for ESD-susceptibility testing and
protection design evaluation.
ESD voltage thresholds are dependent on the circuit
parameters used to define the mode. Although no industry-
wide standard has been adopted for the CDM, a standard HBM
(resistance = 1500
Ω, capacitance = 100pF) is widely used and
therefore can be used for comparison purposes. The HBM
ESD threshold presented here was obtained by using these
circuit parameters.
Table 3. ESD Threshold Voltage
Model
Threshold
Unit
Human-Body (HBM)
1000*
Volts Min.
Charged-Device (CDM)
500
Volts Min.
*Mil-STD-883D, Method 3015, Class 1
Table 4. Mechanical and Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883C, 2002.3, A
Mechanical Vibration
MIL-STD-883C, 2007.1, A
Temperature Cycle
MIL-STD-883C, 1010, A
Gross Leak
100% Deionized Water
Fine Leak
MIL-STD-883C, 1014.7
Seal Strength
2 lbs Perpendicular to Top and Bottom
Bend Test
MIL-STD-202E, 211A, C
Marking
MIL-STD-202E, 215
Storage Temperature
-55°C to 125°C
Outline Diagram
VTI
FTVGCA
35.3280
743
Figure 3 Outline Diagram
Ordering Information
Table 5. Part Numbering
F
T
V
G
C
A
Package
Supply
Voltage (V)
VCXO
Type
Pull (ppm)
Operating
Temp. (°C)
Output
Load
F
4 pin DIP
T
5.0
±10% V
VCXO
F
±32
C
0 to 70
A
TTL
50
±5%
D
3.3
±10%
G
±50
L
-40 to 85
B
TTL
50
±10%
H
±100
I
-20 to 70
J
CMOS
50
±5%
A
±100
TPR
K
CMOS
50
±10%
Other specifications may be available on request.
rev 1.2, 4/27/98, 08/16/02
Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or
application. No rights under any patent accompany the sale of any such product(s) or information.
For Additional Information Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE:
Tel: 49 (0) 3328 4784 17 • Fax: 49 (0) 3328 4784 30
ASIA:
Tel: +86 21 28909740 / 41 / 42 • Fax: +86 21 28909240 / 2890999
I
Example Part #


Similar Part No. - FDVALB

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FDV-1X PREMO-FDV-1X Datasheet
141Kb / 1P
   IEC Connector Filter
FDV-1Z PREMO-FDV-1Z Datasheet
141Kb / 1P
   IEC Connector Filter
FDV-3X PREMO-FDV-3X Datasheet
141Kb / 1P
   IEC Connector Filter
FDV-3Z PREMO-FDV-3Z Datasheet
141Kb / 1P
   IEC Connector Filter
FDV-6X PREMO-FDV-6X Datasheet
141Kb / 1P
   IEC Connector Filter
More results

Similar Description - FDVALB

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
7311D NDK-7311D Datasheet
77Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
logo
TXC Corporation.
6U-SERIES TXC-6U-SERIES Datasheet
949Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
BJ-SERIES TXC-BJ-SERIES Datasheet
961Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
CJ-SERIES TXC-CJ-SERIES Datasheet
942Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
DJ-SERIES TXC-DJ-SERIES Datasheet
930Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com