Selected language     English  ā–¼


A-103-J-20-C0G-K-5-TAA Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. A-103-J-20-C0G-K-5-TAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 6 page
background image
www.vishay.com
If not in range chart or for technical questions, please contact: cmll@vishay.com
Document Number: 45167
34
Revision: 18-Sep-06
Mono-Axial
Vishay
Dipped Axial Multilayer Ceramic Capacitors
for 200 - 500 Vdc
MONO-AXIAL X7R - 500 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
10 % TOLERANCE
20 % TOLERANCE
PACKAGING
3300
500 Vdc
A332K20X7RL5UAA
A332M20X7RL5UAA
AMMO
3900
A392K20X7RL5TAA
A392M20X7RL5TAA
REEL
3900
A392K20X7RL5UAA
A392M20X7RL5UAA
AMMO
4700
A472K20X7RL5TAA
A472M20X7RL5TAA
REEL
4700
A472K20X7RL5UAA
A472M20X7RL5UAA
AMMO
5600
A562K20X7RL5TAA
A562M20X7RL5TAA
REEL
5600
A562K20X7RL5UAA
A562M20X7RL5UAA
AMMO
6800
A682K20X7RL5TAA
A682M20X7RL5TAA
REEL
6800
A682K20X7RL5UAA
A682M20X7RL5UAA
AMMO
8200
A822K20X7RL5TAA
A822M20X7RL5TAA
REEL
8200
A822K20X7RL5UAA
A822M20X7RL5UAA
AMMO
10 000
A103K20X7RL5TAA
A103M20X7RL5TAA
REEL
10 000
A103K20X7RL5UAA
A103M20X7RL5UAA
AMMO
12 000
A123K20X7RL5TAA
A123M20X7RL5TAA
REEL
12 000
A123K20X7RL5UAA
A123M20X7RL5UAA
AMMO
15 000
A153K20X7RL5TAA
A153M20X7RL5TAA
REEL
15 000
A153K20X7RL5UAA
A153M20X7RL5UAA
AMMO
18 000
A183K20X7RL5TAA
A183M20X7RL5TAA
REEL
18 000
A183K20X7RL5UAA
A183M20X7RL5UAA
AMMO
22 000
A223K20X7RL5TAA
A223M20X7RL5TAA
REEL
22 000
A223K20X7RL5UAA
A223M20X7RL5UAA
AMMO
27 000
A273K20X7RL5TAA
A273M20X7RL5TAA
REEL
27 000
A273K20X7RL5UAA
A273M20X7RL5UAA
AMMO
33 000
A333K20X7RL5TAA
A333M20X7RL5TAA
REEL
33 000
A333K20X7RL5UAA
A333M20X7RL5UAA
AMMO
MONO-AXIAL C0G - 500 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
33
500 Vdc
A330J15C0GL5TAA
A330K15C0GL5TAA
REEL
33
A330J15C0GL5UAA
A330K15C0GL5UAA
AMMO
39
A390J15C0GL5TAA
A390K15C0GL5TAA
REEL
39
A390J15C0GL5UAA
A390K15C0GL5UAA
AMMO
47
A470J15C0GL5TAA
A470K15C0GL5TAA
REEL
47
A470J15C0GL5UAA
A470K15C0GL5UAA
AMMO
56
A560J15C0GL5TAA
A560K15C0GL5TAA
REEL
56
A560J15C0GL5UAA
A560K15C0GL5UAA
AMMO
68
A680J15C0GL5TAA
A680K15C0GL5TAA
REEL
68
A680J15C0GL5UAA
A680K15C0GL5UAA
AMMO
82
A820J15C0GL5TAA
A820K15C0GL5TAA
REEL
82
A820J15C0GL5UAA
A820K15C0GL5UAA
AMMO
100
A101J15C0GL5TAA
A101K15C0GL5TAA
REEL
100
A101J15C0GL5UAA
A101K15C0GL5UAA
AMMO
120
A121J15C0GL5TAA
A121K15C0GL5TAA
REEL
120
A121J15C0GL5UAA
A121K15C0GL5UAA
AMMO
150
A151J15C0GL5TAA
A151K15C0GL5TAA
REEL
150
A151J15C0GL5UAA
A151K15C0GL5UAA
AMMO
180
A181J15C0GL5TAA
A181K15C0GL5TAA
REEL
180
A181J15C0GL5UAA
A181K15C0GL5UAA
AMMO
220
A221J15C0GL5TAA
A221K15C0GL5TAA
REEL
220
A221J15C0GL5UAA
A221K15C0GL5UAA
AMMO




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MONO-AXIAL50-100Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc 1 2 3 4 5 MoreVishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl