Selected language     English  â–Ľ


LCE28 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. LCE28
Description  Low Capacitance TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 3 page
background image
LCE6.5 thru LCE28A
Vishay General Semiconductor
Document Number: 88357
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
LCE6.5-E3/54
0.968
54
1400
13" diameter paper tape and reel
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Power Derating Curve
td - Pulse Width
100
10
1
0.1
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
L = 0.375" (9.5 mm)
Lead Lengths
TL - Lead Temperature (°C)
100
75
25
0
0
50
100
150
175
Peak Power (Single Pulse)
T
J = Initial Temperature
Power Dissipation
50
25
75
125
Figure 3. Pulse Waveform
Figure 4. AC Line Protection Application
t - Time (ms)
150
50
0
0
2.0
4.0
100
1.0
3.0
Peak Value
I
PPM
10/1000 µs Waveform
as defined by R.E.A.
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
t
r = 10 µs
t
d
Low Capacitance
TVS
Application Note: Device must be used with
two units in parallel, opposite in polarity as
shown in circuit for AC signal line protection.




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMBSAC5.0Low Capacitance Transient Voltage Suppressors 5 to 50 Volts 500Watt 1 2 3 4 Micro Commercial Components
P4SMASurface Mount TRANSZORB® Transient Voltage Suppressors 1 2 3 4 5 Vishay Siliconix
NUP8010MNLow Capacitance Transient Voltage Suppressor Array 1 2 3 4 ON Semiconductor
NUP8028MNLow Capacitance Transient Voltage Suppressor Array 1 2 3 4 ON Semiconductor
NUP8011MULow Capacitance Transient Voltage Suppressor Array 1 2 3 4 ON Semiconductor
SM15TSurface Mount TRANSZORB® Transient Voltage Suppressors 1 2 3 4 5 Vishay Siliconix
P6KE6.8TRANSZORB® Transient Voltage Suppressors 1 2 3 4 5 MoreVishay Siliconix
NUP8100DLow Capacitance Transient Voltage Suppressor Array 1 2 3 4 ON Semiconductor
SMA5J40CAHigh Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors 1 2 3 4 5 MoreVishay Siliconix
P6SMBSurface Mount TRANSZORB® Transient Voltage Suppressors 1 2 3 4 5 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl