Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCB2 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VCB2
Description  3.3, 5.0 volt CMOS Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCB2 Datasheet(HTML) 3 Page - Vectron International, Inc

  VCB2 Datasheet HTML 1Page - Vectron International, Inc VCB2 Datasheet HTML 2Page - Vectron International, Inc VCB2 Datasheet HTML 3Page - Vectron International, Inc VCB2 Datasheet HTML 4Page - Vectron International, Inc VCB2 Datasheet HTML 5Page - Vectron International, Inc VCB2 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VCB2 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
Table 2. Electrical Performance, 3.3V option
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
0.032768
160.000
MHz
Operating Supply Voltage
1
VDD
2.97
3.3
3.63
V
Absolute Maximum Operating Voltage
-0.5
5.0
V
Supply Current, Output Enabled
0.032786 to 2.0 MHz
2.01 to 30 MHz
30.01 to 50 MHz
50.01 to 160 MHz
IDD
8
10
20
35
mA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
VOH
VOL
0.9*VDD
0.1*VDD
V
V
Output Rise/Fall Time
2
0.032768 to 2.00 MHz
2.01 to 20.00 MHz
20.01 to 160.00 MHz
tR/tF
12
10
6
ns
Duty Cycle
3 (ordering option)
SYM
40/60 or 45/55
%
Operating Temperature (ordering option)TOP
0/70 or –40/85
°C
Storage Temperature
TSTOR
-55
125
°C
Stability
4 (ordering option)
∆F/T
±20, ±25, ±32, ±50, ±100
ppm
Output Enable/Disable
5
Output Enabled
Output Disabled
E/D
2.0
0.5
V
Start-up time
TSU
10
ms
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 3 defines these parameters. Figure 4 illustrates the operating conditions under which these parameters are tested and
specified. For Fo>90MHz, rise and fall time is measured 20 to 80%.
3. Symmetry is measured defined as On Time/Period.
4. Includes calibration tolerance, operating temperature, supply voltage variations, aging and shock and vibration (not under
operation).
5. Output will be enabled if enable/disable is left open.
Figure 3. Output Waveform
Figure 4. Typical Output Test Conditions (25
±5°C)
+
-
+
-
IC
VC
3
2
.1µF
.01
µF
15pF
4
1
IDD
VDD
V
OH
50%
V
OL
tF
tR
Period
On Time


Similar Part No. - VCB2

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VCB01NC1 JDSU-VCB01NC1 Datasheet
137Kb / 4P
   Voltage-Controlled Optical Attenuators
VCB01NC2 JDSU-VCB01NC2 Datasheet
137Kb / 4P
   Voltage-Controlled Optical Attenuators
logo
List of Unclassifed Man...
VCB1 ETC-VCB1 Datasheet
157Kb / 2P
   3.0 or 5.0 Vdc Option Low Cost 1 to 160 MHz Enable Disable Option TTL/CMOS Compatible
logo
GREEGOO Electric Co.,Lt...
VCB1-24 GREEGOO-VCB1-24 Datasheet
1Mb / 16P
   Indoor Vacuum Circuit Breaker
logo
Vectron International, ...
VCB1-A0A-25M00 VECTRON-VCB1-A0A-25M00 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCB2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M000 VECTRON-CCFCCA-25M000 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com