Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCB-2A3A-25M00 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VCB-2A3A-25M00
Description  3.3, 5.0 volt CMOS Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCB-2A3A-25M00 Datasheet(HTML) 4 Page - Vectron International, Inc

  VCB-2A3A-25M00 Datasheet HTML 1Page - Vectron International, Inc VCB-2A3A-25M00 Datasheet HTML 2Page - Vectron International, Inc VCB-2A3A-25M00 Datasheet HTML 3Page - Vectron International, Inc VCB-2A3A-25M00 Datasheet HTML 4Page - Vectron International, Inc VCB-2A3A-25M00 Datasheet HTML 5Page - Vectron International, Inc VCB-2A3A-25M00 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VCB2 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
Enable/Disable Functional Description
Under normal operation the Enable/Disable is left open or set to a logic high state. When the E/D is set to
a logic low, the oscillator stops and the output is in a high impedance state. This helps reduce power
consumption as well as facilitating board testing and troubleshooting.
Tri-state Functional Description
Under normal operation the tri-state is left open or set to a logic high state. When the tri-state is set to a
logic low, the oscillator remains active but the output buffer is in a high impedance state. This helps
facilitate board testing and troubleshooting.
Table 3. Outline Diagrams and Pin Out
Pin #
Symbol
Function
1
E/D or NC
Tri-state, Enable/Disable or NC
2
GND
Electrical and Case Ground
3
fO
Output Frequency
4
VDD
Supply Voltage
Figure 5, Package drawing


Similar Part No. - VCB-2A3A-25M00

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VCB01NC1 JDSU-VCB01NC1 Datasheet
137Kb / 4P
   Voltage-Controlled Optical Attenuators
VCB01NC2 JDSU-VCB01NC2 Datasheet
137Kb / 4P
   Voltage-Controlled Optical Attenuators
logo
List of Unclassifed Man...
VCB1 ETC-VCB1 Datasheet
157Kb / 2P
   3.0 or 5.0 Vdc Option Low Cost 1 to 160 MHz Enable Disable Option TTL/CMOS Compatible
logo
GREEGOO Electric Co.,Lt...
VCB1-24 GREEGOO-VCB1-24 Datasheet
1Mb / 16P
   Indoor Vacuum Circuit Breaker
logo
Vectron International, ...
VCB1-A0A-25M00 VECTRON-VCB1-A0A-25M00 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCB-2A3A-25M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M000 VECTRON-CCFCCA-25M000 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com