Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD-700-KAF-GCC-77.760 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # CD-700-KAF-GCC-77.760
Description  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700-KAF-GCC-77.760 Datasheet(HTML) 6 Page - Vectron International, Inc

Back Button CD-700-KAF-GCC-77.760 Datasheet HTML 2Page - Vectron International, Inc CD-700-KAF-GCC-77.760 Datasheet HTML 3Page - Vectron International, Inc CD-700-KAF-GCC-77.760 Datasheet HTML 4Page - Vectron International, Inc CD-700-KAF-GCC-77.760 Datasheet HTML 5Page - Vectron International, Inc CD-700-KAF-GCC-77.760 Datasheet HTML 6Page - Vectron International, Inc CD-700-KAF-GCC-77.760 Datasheet HTML 7Page - Vectron International, Inc CD-700-KAF-GCC-77.760 Datasheet HTML 8Page - Vectron International, Inc CD-700-KAF-GCC-77.760 Datasheet HTML 9Page - Vectron International, Inc CD-700-KAF-GCC-77.760 Datasheet HTML 10Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 6 of 14
Rev : 06Apr08
VCXO and Absolute Pull Range (APR) Specification
The CD-700’s VCXO is a varactor tuned crystal oscillator, which produces an output frequency
proportional to the control voltage (pin 16). The frequency deviation of the CD-700 VCXO is specified in
terms of Absolute Pull Range (APR). APR provides the user with a guaranteed specification for minimum
available frequency deviation over all operating conditions. Operating conditions include power supply
variation, operating temperature range, and differences in output loading and changes due to aging.
A CD-700 VCXO with an APR of +/-50 ppm will track a +/-50 ppm reference source over all
operating conditions. The fourth character of the product code in Table 7 specifies absolute Pull
Range (APR). Please see Vectron’s web site (www.vectron.com) for the APR Application Note.
APR is tested at 0.5 and 4.5 volts for the 5.0 volt option and 0.3 and 3.0 volts for the 3.3 volt option.
VCXO Aging
Quartz oscillators typically exhibit a part per million shift in output frequency during aging. The major
factors, which lead to this shift, are changes in the mechanical stress on the crystal and mass-loading on
the crystal.
As the oscillator ages, relaxation of the crystal mounting stress or transfer of environmental stress
through the package to the crystal mounting arrangement can lead to frequency variations. VI has
minimized these two effects through the use of a miniature AT-cut strip resonator crystal which allows a
superior mounting arrangement. This results in minimal relaxation and almost negligible environmental
stress transfer.
VI has eliminated the impact of mass loading by ensuring hermetic integrity and minimizing out-gassing
by limiting the number of internal components through the use of ASIC technology. Mass-loading on the
crystal generally results in a frequency decrease and is typically due to out-gassing of material within a
hermetic package or from contamination by external material in a non-hermetic package.
Under normal operating conditions the CD-700 will typically exhibit 2 ppm aging in the first year of
operation. The device will then typically exhibit 1 ppm aging the following year with a logarithmic decline
each year thereafter.
Frequency Divider Feature
The lowest available VCXO OUT1 frequency is 1.000 MHz. To achieve lower frequencies, OUT1 is
divided by a 2
n counter (n = 1 to 8) and is the OUT2 frequency. The divider values (2, 4, 8, 16, 32, 64,
128 and 256) are set at the factory, so it is user selectable upon ordering only. In addition, a disabled
OUT2 option is also available. To achieve 1.024 MHz, a CD-700 with OUT1 frequency equal to 16.384
MHz and a divider value equal to 16 would be used. Additional external divider circuits can be used to
further lower or change the frequency.


Similar Part No. - CD-700-KAF-GCC-77.760

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD-700-KAF-GCB-XX.XXX ETC1-CD-700-KAF-GCB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Similar Description - CD-700-KAF-GCC-77.760

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com