Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D221K20Y5PF6.L2R Datasheet(PDF) 6 Page - Vishay Siliconix

Part # D221K20Y5PF6.L2R
Description  Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D221K20Y5PF6.L2R Datasheet(HTML) 6 Page - Vishay Siliconix

  D221K20Y5PF6.L2R Datasheet HTML 1Page - Vishay Siliconix D221K20Y5PF6.L2R Datasheet HTML 2Page - Vishay Siliconix D221K20Y5PF6.L2R Datasheet HTML 3Page - Vishay Siliconix D221K20Y5PF6.L2R Datasheet HTML 4Page - Vishay Siliconix D221K20Y5PF6.L2R Datasheet HTML 5Page - Vishay Siliconix D221K20Y5PF6.L2R Datasheet HTML 6Page - Vishay Siliconix D221K20Y5PF6.L2R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28510
24
Revision: 07-Apr-08
LV 50 V
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 50 V (DC) General Purpose
Reel and tape data in millimeters
28 ± 1.5
355.6 ± 2.0
51 max.
45 max.
8.0
Reel with capacitors on tape
290
335
50
Ammopack with capacitors on tape


Similar Part No. - D221K20Y5PF6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D221K20Y5PH6.J5R VISHAY-D221K20Y5PH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D221K20Y5PH6.J5R VISHAY-D221K20Y5PH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D221K20Y5PH6.L2R VISHAY-D221K20Y5PH6.L2R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D221K20Y5PH6.L2R VISHAY-D221K20Y5PH6.L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D221K20Y5PL6.J5. VISHAY-D221K20Y5PL6.J5. Datasheet
295Kb / 6P
   D Series
Revision: 07-Jan-10
More results

Similar Description - D221K20Y5PF6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
HV500V VISHAY-HV500V_08 Datasheet
274Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 19-Jan-07
HV500V VISHAY-HV500V Datasheet
134Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 28-Sep-06
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
logo
List of Unclassifed Man...
HVC81-2KV-UJ08-F5-10PK ETC-HVC81-2KV-UJ08-F5-10PK Datasheet
687Kb / 3P
   Ceramic Disc Capacitors Class 1 and 2,1 kVDC to 50 kV DC , General Purpose
logo
Vishay Siliconix
HV1KV-6KV VISHAY-HV1KV-6KV Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com