Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S682Z39Y5VN6.J5. Datasheet(PDF) 6 Page - Vishay Siliconix

Part # S682Z39Y5VN6.J5.
Description  Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S682Z39Y5VN6.J5. Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button S682Z39Y5VN6.J5. Datasheet HTML 2Page - Vishay Siliconix S682Z39Y5VN6.J5. Datasheet HTML 3Page - Vishay Siliconix S682Z39Y5VN6.J5. Datasheet HTML 4Page - Vishay Siliconix S682Z39Y5VN6.J5. Datasheet HTML 5Page - Vishay Siliconix S682Z39Y5VN6.J5. Datasheet HTML 6Page - Vishay Siliconix S682Z39Y5VN6.J5. Datasheet HTML 7Page - Vishay Siliconix S682Z39Y5VN6.J5. Datasheet HTML 8Page - Vishay Siliconix S682Z39Y5VN6.J5. Datasheet HTML 9Page - Vishay Siliconix S682Z39Y5VN6.J5. Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number 28515
54
Revision 26-Oct-06
HV 1 kV - 6 kV
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 1/2/3/6 kV General Purpose
Notes
1. Maximum thickness 5.0 mm.
2. SH = seated height.
3. Lead style codes refer to outward kinked leads. Other styles available on request.
CLASS 2 Y5P
100
± 10
6.5
5.0
4.0
S101K25Y5PP6.K5.
150
S151K25Y5PP6.K5.
220
S221K25Y5PP6.K5.
330
S331K25Y5PP6.K5.
470
7.5
S471K29Y5PP6.K5.
680
S681K29Y5PP6.K5.
1000
8.5
S102K33Y5PP6.K5.
1500
10.0
S152K39Y5PP6.K5.
2200
11.0
S222K43Y5PP6.K5.
3300
13.5
7.5
4.8
S332K53Y5PP63K7.
4700
17.5
S472K69Y5PP63K7.
CLASS 2 Z5U
1000
± 20
7.5
5.0
4.0
S102M29Z5UP6.K5.
1500
S152M29Z5UP6.K5.
2200
8.5
S222M33Z5UP6.K5.
3300
11.0
S332M43Z5UP6.K5.
4700
12.0
7.5
4.8
S472M47Z5UP63K7.
6800
13.5
S682M53Z5UP63K7.
10 000
17.5
S103M69Z5UP63K7.
CLASS 2 Y5V
1000
+ 80/- 20
7.5
5.0
4.0
S102Z29Y5VP6.K5.
1500
S152Z29Y5VP6.K5.
2200
8.5
S222Z33Y5VP6.K5.
3300
10.5
S322Z39Y5VP6.K5.
4700
11.0
S472Z43Y5VP6.K5.
6800
12.0
7.5
4.8
S682Z47Y5VP6.K7.
10 000
15.0
S103Z59Y5VP6.K7.
CLASS 2 X5F
100
± 10
6.5
5.0
4.0
S101K25X5FP6.K5R
220
S221K25X5FP6.K5R
330
7.5
S331K29X5FP6.K5R
470
8.0
S471K31X5FP6.K5R
680
10.0
S681K39X5FP6.K5R
1000
11.0
S102K43X5FP6.K5R
2200
15.0
7.5
4.8
S222K59X5FP6.K7R
3300
16.5
7.5
S332K65X5FP63K7R
ORDERING INFORMATION, 2 KV (DC), KINKED
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD SPACING
F
(mm)
SH(2)
(mm)
CLEAR TEXT CODE
13th DIGIT:
T = REEL; U = AMMO; 3 = BULK
16th DIGIT:
R = RoHS COMPLIANT
KINKED


Similar Part No. - S682Z39Y5VN6.J5.

ManufacturerPart #DatasheetDescription
logo
Powerbox
S682 POWERBOX-S682 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
logo
Vishay Siliconix
S682M69Z5US83K0. VISHAY-S682M69Z5US83K0. Datasheet
289Kb / 5P
   Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
Revision: 12-Dec-06
More results

Similar Description - S682Z39Y5VN6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com