Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLHLA44.736 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # STLHLA44.736
Description  Voltage Controlled Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

STLHLA44.736 Datasheet(HTML) 2 Page - Vectron International, Inc

  STLHLA44.736 Datasheet HTML 1Page - Vectron International, Inc STLHLA44.736 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
25
Voltage Controlled Crystal Oscillators (VCXO’s)
Pin #
Symbol
Name/Function
1
VC
VCXO: Control Voltage to modulate frequency.
2
Tri-state
TTL logic low disables output. TTL logic high
or no connection enables output frequency.
3
GND
Circuit and case ground
4
Output
Output waveform
5
TTL/CMOS
TTL logic low provides waveform symmetry
for CMOS. TTL logic high or no connection
provides waveform symmetry for TTL.
6
VDD
Supply Voltage, 5 V ±10% or 3.3V ±10%
1.024
1.544
2.000
2.048
3.088
3.580
3.686
4.000
4.032
4.096
4.434
5.000
5.760
6.144
6.176
6.312
6.400
8.000
8.192
8.448
9.192
10.000
11.000
11.2896 11.290 12.000
12.288
12.352
12.900
13.000
13.500
14.318 15.360
15.440
16.000
16.123
16.384
17.734
18.432 19.440
19.985
20.000
20.480
24.000
24.576
24.704 27.000
30.000
32.000
32.768
34.368
35.328
38.880 40.000
40.960
44.736
50.000
51.840
52.000
Ordering Information
Standard Frequencies (MHz)
Temperature Range
C =0oC to +70oC
L = -40oC to +85oC
Frequency
S
U
G
G
A
44.736
Configuration
T = Thru hole
G = Gull wing
Output, Symmetry
U = VCXO, +5V, standard linearity
L = VCXO, +5V, ±10% linearity
D = VCXO, +3.3V, standard linearity
K = VCXO, +3.3V, ±10% linearity
MHz
Symmetry
A = 45/55%
Absolute Pull Range
G = +50 ppm
N = +80 ppm
H = +100 ppm
Package Size
S-Type
L
S-Type
Pin Out Information
Gull-Wing
Thru-Hole
VCXO
8798_AA's Vectron
05/30/02
3:11 PM
Page 25


Similar Part No. - STLHLA44.736

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
SICK AG
STL-0608G10M075KM1 SICK-STL-0608G10M075KM1 Datasheet
230Kb / 3P
   Plug connector cable
STL-0608G2M5075KM1 SICK-STL-0608G2M5075KM1 Datasheet
230Kb / 3P
   Plug connector cable
STL-1204-G02MC SICK-STL-1204-G02MC Datasheet
242Kb / 4P
   Plug Connector
STL-1204-G02ME90 SICK-STL-1204-G02ME90 Datasheet
225Kb / 4P
   Plug connector cable
More results

Similar Description - STLHLA44.736

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
G326 MERCURY-G326 Datasheet
74Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV5032L KSS-KV5032L Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Crystek Corporation
CVXO-083 CRYSTEKCRYSTAL-CVXO-083 Datasheet
417Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
Vectron International, ...
VC-480 VECTRON-VC-480 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-490 VECTRON-VC-490 Datasheet
93Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
List of Unclassifed Man...
CSX-750V ETC2-CSX-750V Datasheet
79Kb / 1P
   VOLTAGE CONTROLLED CRYSTAL OSCILLATORS
logo
Mercury United Electron...
GDF63 MERCURY-GDF63 Datasheet
122Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV7050C-P3 KSS-KV7050C-P3_18 Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
KV7050G-P3 KSS-KV7050G-P3_18 Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
KV7050L KSS-KV7050L Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Mercury United Electron...
G534 MERCURY-G534 Datasheet
69Kb / 1P
   Voltage Controlled Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com