Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP201161210R0B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FP201161210R0B
Description  Hermetic Flat-Pak Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP201161210R0B Datasheet(HTML) 1 Page - Vishay Siliconix

  FP201161210R0B Datasheet HTML 1Page - Vishay Siliconix FP201161210R0B Datasheet HTML 2Page - Vishay Siliconix FP201161210R0B Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FP 200, 201, 202
Vishay Thin Film
Document Number: 61073
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 05-Mar-08
45
Hermetic Flat-Pak Resistor Networks
FEATURES
• Lead (Pb)-free available
• Military/Aerospace
• Hermetically sealed
Vishay Thin Film offers a broad line of precision resistor
networks
in
hermetic
Flat-Packs
for
surface
mount
requirements in military, space or other harsh environmental
applications. These networks provide the long-term stability
necessary
to
insure
continuous
specification
and
performance over the 20 to 30 year life required for space
applications. The fabrication of these devices is performed
under tight procedural and environmental controls to insure
conformance to all 883C Level H or K requirements. Custom
configurations, values and tolerance combinations are
available with fast turnaround.
STANDARD CONFIGURATIONS
* Pb containing terminations are not RoHS compliant, exemptions may apply
Product may not
be to scale
PRODUCT CAPABILITIES
Material
Passivated nichrome
Resistance Range
10
Ω to 1 MΩ total
Absolute Resistance Tolerance
1 % to 0.05 %
Resistance Ratio Tolerance
0.1 % to 0.01 %
Absolute TCR
± 10, 25, 50 ppm/°C
Ratio TCR
± 5 ppm/°C standard
Absolute Resistor Stability
1000 ppm/2000 h at 70 °C
Ratio Resistor Stability
300 ppm/2000 h at 70 °C
Package Power Dissipation
800 mW/70 °C
Operating Temperature Range
- 55 °C to + 125 °C
1
1
1
FP200
Number of Resistors
7, 8
Number of Leads
14, 16
Type Connection
Isolated
Values Available
500
Ω - 100 kΩ
FP201
Number of Resistors
12, 14
Number of Leads
14, 16
Type Connection
Series
Values Available
500
Ω - 100 kΩ
FP202
Number of Resistors
13, 15
Number of Leads
14, 16
Type Connection
Common
Values Available
500
Ω - 100 kΩ
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - FP201161210R0B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FP201161210R0BFACW VISHAY-FP201161210R0BFACW Datasheet
101Kb / 3P
   Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
Revision: 16-Mar-17
FP201161210R0BFADW VISHAY-FP201161210R0BFADW Datasheet
101Kb / 3P
   Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
Revision: 16-Mar-17
FP201161210R0BFBCW VISHAY-FP201161210R0BFBCW Datasheet
101Kb / 3P
   Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
Revision: 16-Mar-17
FP201161210R0BFBDW VISHAY-FP201161210R0BFBDW Datasheet
101Kb / 3P
   Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
Revision: 16-Mar-17
FP201161210R0BHACW VISHAY-FP201161210R0BHACW Datasheet
101Kb / 3P
   Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
Revision: 16-Mar-17
More results

Similar Description - FP201161210R0B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FP200 VISHAY-FP200 Datasheet
99Kb / 2P
   Hermetic Flat-Pak Resistor Networks
Revision 18-Nov-02
RMKD VISHAY-RMKD_08 Datasheet
278Kb / 4P
   Hermetic, Dual-In-Line Packaged Resistor Networks
Revision: 16-Oct-06
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 16-Jun-08
LCC VISHAY-LCC Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
SLCC VISHAY-SLCC Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
RMKD VISHAY-RMKD Datasheet
113Kb / 3P
   Hermetic, Dual-In-Line or TO Package Resistor Networks
Revision 27-Apr-01
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R5T ACCUTEK-AK06G-R5T_09 Datasheet
112Kb / 4P
   RESISTOR NETWORKS
logo
TT Electronics.
628-L TTELEC-628-L Datasheet
181Kb / 4P
   Resistor Networks
logo
KOA Speer Electronics, ...
MRGF16 KOA-MRGF16 Datasheet
267Kb / 2P
   mini flat package type thick film resistor networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com