Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX-40X0-DAP-1071-10 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # OX-40X0-DAP-1071-10
Description  Oven Controlled Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-40X0-DAP-1071-10 Datasheet(HTML) 4 Page - Vectron International, Inc

  OX-40X0-DAP-1071-10 Datasheet HTML 1Page - Vectron International, Inc OX-40X0-DAP-1071-10 Datasheet HTML 2Page - Vectron International, Inc OX-40X0-DAP-1071-10 Datasheet HTML 3Page - Vectron International, Inc OX-40X0-DAP-1071-10 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OX-500
Height “H”
Pin Length “L”
9.5
5.85min.
Pin Connections
1 Electronic Frequency Control Input (EFC)
7 Ground (Case)
8 RF Output
14 Supply Voltage Input
How to order this product:
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
Enclosure
OX-500
page: 4/5
Use this worksheet to forward the following information to your factory representative :
Model
Height
-
Supply Voltage
Code
RF Output
Code
Temperatur
Range
-
Stability
Frequency
Control
-
Frequency
OX-40X
0
-
B
A
E
-
108
0
-
10MHz
Stability Code:
258:
±25ppb
508:
±50ppb
107:
±100ppb
257:
±250ppb
Supply Voltage Code:
D:
5 V
E:
3,3 V
RF Output Code:
A:
HCMOS
Temperature Range:
E:
-40...+85°C
J:
-20...+70°C
P:
0...+50°C
Frequency Control:
0:
No Tuning
1:
±5.0...±12 ppm
2:
±1.0...±3.0 ppm
Height:
0:
9,5 mm
Model Code:
500:
THT Version


Similar Part No. - OX-40X0-DAP-1071-10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
OX-400 MICROSEMI-OX-400 Datasheet
1Mb / 8P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-4000-DAE-107 VECTRON-OX-4000-DAE-107 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-257 VECTRON-OX-4000-DAE-257 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-258 VECTRON-OX-4000-DAE-258 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
More results

Similar Description - OX-40X0-DAP-1071-10

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com