Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDR5HXB37C15 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TDR5HXB37C15
Description  Temperature Compensated Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TDR5HXB37C15 Datasheet(HTML) 3 Page - Vectron International, Inc

  TDR5HXB37C15 Datasheet HTML 1Page - Vectron International, Inc TDR5HXB37C15 Datasheet HTML 2Page - Vectron International, Inc TDR5HXB37C15 Datasheet HTML 3Page - Vectron International, Inc TDR5HXB37C15 Datasheet HTML 4Page - Vectron International, Inc TDR5HXB37C15 Datasheet HTML 5Page - Vectron International, Inc TDR5HXB37C15 Datasheet HTML 6Page - Vectron International, Inc TDR5HXB37C15 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
C
L
0.762
(.030)
38.887
(1.531)
38.887
(1.531)
25.4
(1.000)
12.70
(0.500)
5.842
(0.23)
13.462
(0.53)
12.70
(0.50)
25.4
(1.000)
12.70
(0.500)
34
2
1
10.160
(0.400)
6.350
(0.250)
5
.508
(0.02)
20.320
(0.800)
max
min
max
max
C
L
DIA. 5 PLACES
R5 PACKAGE
Frequency Adjust:
Option
Specification
HY
± 3 ppm min. via external
voltage, 0 to +5 Vdc
HX
NONE
Pin
Function
1
Output
2
+Vdd
3
Gnd, Case
4
Gnd / V tune
5Gnd
C
L
.508
(0.20)
34
2
1
5
1.270
(0.05)
FREQUENCY
ADJUST ACCESS
38.887
(1.531)
max
25.4
(1.000)
12.70
(0.500)
10.160
(0.400)
6.350
(0.250)
20.320
(0.800)
25.4
(1.000)
12.70
(0.500)
5.842
(0.23)
min
38.887
(1.531)
max
13.462
(0.53)
.508
(0.02)
max
0.762
(.030)
DIA. 5 PLACES
C
L
R7 PACKAGE
mm
(in.)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
3
SATCOM / "1 ppm Forever" TCXO
Frequency Adjust:
Option
Specification
HY & HX
± 3 ppm min. via internal
mechanical adjust
Pin
Function
1
Output
2
+Vdd
3
Gnd, Case
4Gnd
5Gnd


Similar Part No. - TDR5HXB37C15

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
   Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
logo
Mean Well Enterprises C...
TDR-240 MEANWELL-TDR-240 Datasheet
2Mb / 4P
   240W Slim Three Phase Industrial DIN Rail with PFC Function
TDR-240-24 MEANWELL-TDR-240-24 Datasheet
2Mb / 4P
   240W Slim Three Phase Industrial DIN Rail with PFC Function
TDR-240-48 MEANWELL-TDR-240-48 Datasheet
2Mb / 4P
   240W Slim Three Phase Industrial DIN Rail with PFC Function
TDR-480 MEANWELL-TDR-480 Datasheet
651Kb / 4P
   THREE-PHASE 340~550VAC WIDE RANGE UNPUT(DUAL PHASE OPERATION POSSIBLE)
More results

Similar Description - TDR5HXB37C15

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com