Selected language     English  ▼


A-103-K-15-Y5V-F-5-TAA Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. A-103-K-15-Y5V-F-5-TAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

 
 1 page
background image
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45164
20
Revision: 17-Jan-06
Mono-Axial
Vishay
DIMENSIONS
Note
1.
Dimensions between the parentheses are in inches
CAPACITOR DIMENSIONS AND WEIGHT
SIZE
Lbmax(1)
Ø Dmax(1)
WEIGHT
(g)
15
3.8
(0.150)
2.5
(0.100)
≈ 0.14
20
5.0
(0.200)
3.0
(0.120)
≈ 0.15
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Capacitance range
10 to 5600 pF
100 pF to 1.0 µF
0.1 µF to 1.0 µF
Rated DC voltage
50 V
100 V
50 V
100 V
50 V
100 V
Tolerance on
capacitance
± 5 %, ± 10 %
± 10 %, ± 20 %
+ 80/- 20 %
Dielectric Code
C0G (NP0)
X7R
Y5V
ORDERING INFORMATION
A
103
K
15
X7R
F
5
TAA
PRODUCT
TYPE
CAPACITANCE
CODE
CAP.
TOLERANCE
SIZE CODE
TEMP.
CHAR.
RATED
VOLTAGE
LEAD DIA.
PACKAGING
A = Mono-Axial
Two significant
digits followed by
the number of
zeros.
For example:
473 = 47000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
Z = + 80/- 20 %
15 = 3.8 (0.15") max.
20 = 5.0 (0.20") max.
C0G
X7R
Y5V
F = 50 VDC
H = 100 VDC
5 = 0.5 mm (0.20")TAA = T & R
UAA = AMMO
Ordering Example: A-103-K-15-X7R-F-5-TAA
Lb
Ø 0.5
52.4
± 1.5
Ø D
5 mm or
6.35 mm wide
carrier tape
RoHS
COMPLIANT
e3




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
561RLower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized 1 2 3 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl