Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDUMCA-44.736 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VDUMCA-44.736
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VDUMCA-44.736 Datasheet(HTML) 6 Page - Vectron International, Inc

  VDUMCA-44.736 Datasheet HTML 1Page - Vectron International, Inc VDUMCA-44.736 Datasheet HTML 2Page - Vectron International, Inc VDUMCA-44.736 Datasheet HTML 3Page - Vectron International, Inc VDUMCA-44.736 Datasheet HTML 4Page - Vectron International, Inc VDUMCA-44.736 Datasheet HTML 5Page - Vectron International, Inc VDUMCA-44.736 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
V-Type Voltage Controlled Crystal Oscillator
Vectron International 267 Lowell Road, Hudson NH 03051
Tel:1-88-VECTRON-1
e-mail: vectron@vectron.com
Standard Frequencies (MHz)
1.024
1.544
2.000
2.048
3.088
3.580
3.686
4.000
4.032
4.096
4.434
5.000
6.144
6.176
6.312
6.400
8.000
8.192
8.448
10.000
12.000
12.288
12.352
13.000
14.318
15.360
15.440
16.000
16.384
18.432
19.440
20.000
20.480
24.000
24.576
24.704
27.000
30.000
30.720
32.000
32.768
34.368
35.328
38.880
40.000
40.960
44.736
49.152
50.000
51.840
52.000
61.440
62.500
65.536
74.1758
74.250
77.760
Other frequencies may be available upon request
Ordering Information
V
D
U
G
L
A - 44.736
MHz
NOTE: Not all combinations of options are available. Other specifications may be available upon request.
For Additional Information, Please Contact:
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany
Tel: 49 (0) 7268 8010
• Fax: 49 (0) 7268 801281
ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd., WaiGaoQiao Free
Trade Zone, Pudong New Area Shanghai, China 200131
•Tel: 8621 50480777 • Fax: 8621 50481881
Package Size
V: 6 pin ceramic LCC
Supply Voltage
C: 5.0V ± 10%
D: 3.3V ± 10%
Input
U: VCXO
L: Linear VCXO
M: ± 20ppm Temperature Stability
Frequency
Symmetry (CMOS)
A: 50 ± 5% Tri-State on Pin #5
B: 50 ± 10% Tri-State on Pin #5
D: 50 ± 5% Tri-State on Pin #2
Temperature Range
C: 0°C to +70°C
L: -40°C to +85°C
Absolute Pull Range
G: ±50 ppm
M: ±70 ppm
N: ±80 ppm
H: ±100 ppm


Similar Part No. - VDUMCA-44.736

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VDU1587 CPI-VDU1587 Datasheet
316Kb / 1P
   Ku-Band Monopulse Set
VDU1690 CPI-VDU1690 Datasheet
308Kb / 1P
   Pre-TR,TR Limiter
VDU1838 CPI-VDU1838 Datasheet
212Kb / 1P
   Pre-TR Limiter
More results

Similar Description - VDUMCA-44.736

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com