Selected language     English  ā–¼


A-103-K-15-C0G-H-5-TAA Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. A-103-K-15-C0G-H-5-TAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

 
 6 page
background image
Document Number: 45164
If not in range chart or for technical questions please contact cmll@vishay.com
www.vishay.com
Revision: 17-Jan-06
25
Mono-Axial
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
Vishay
MONO-AXIAL C0G - 50 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
330
50 Vdc
A331J15C0GF5UAA
A331K15C0GF5UAA
AMMO
390
A391J15C0GF5TAA
A391K15C0GF5TAA
REEL
390
A391J15C0GF5UAA
A391K15C0GF5UAA
AMMO
470
A471J15C0GF5TAA
A471K15C0GF5TAA
REEL
470
A471J15C0GF5UAA
A471K15C0GF5UAA
AMMO
560
A561J15C0GF5TAA
A561K15C0GF5TAA
REEL
560
A561J15C0GF5UAA
A561K15C0GF5UAA
AMMO
680
A681J15C0GF5TAA
A681K15C0GF5TAA
REEL
680
A681J15C0GF5UAA
A681K15C0GF5UAA
AMMO
820
A821J15C0GF5TAA
A821K15C0GF5TAA
REEL
820
A821J15C0GF5UAA
A821K15C0GF5UAA
AMMO
1000
A102J15C0GF5TAA
A102K15C0GF5TAA
REEL
1000
A102J15C0GF5UAA
A102K15C0GF5UAA
AMMO
1200
A122J15C0GF5TAA
A122K15C0GF5TAA
REEL
1200
A122J15C0GF5UAA
A122K15C0GF5UAA
AMMO
1500
A152J15C0GF5TAA
A152K15C0GF5TAA
REEL
1500
A152J15C0GF5UAA
A152K15C0GF5UAA
AMMO
1800
A182J15C0GF5TAA
A182K15C0GF5TAA
REEL
1800
A182J15C0GF5UAA
A182K15C0GF5UAA
AMMO
2200
A222J15C0GF5TAA
A222K15C0GF5TAA
REEL
2200
A222J15C0GF5UAA
A222K15C0GF5UAA
AMMO
2700
A272J20C0GF5TAA
A272K20C0GF5TAA
REEL
2700
A272J20C0GF5UAA
A272K20C0GF5UAA
AMMO
3300
A332J20C0GF5TAA
A332K20C0GF5TAA
REEL
3300
A332J20C0GF5UAA
A332K20C0GF5UAA
AMMO
3900
A392J20C0GF5TAA
A392K20C0GF5TAA
REEL
3900
A392J20C0GF5UAA
A392K20C0GF5UAA
AMMO
4700
A472J20C0GF5TAA
A472K20C0GF5TAA
REEL
4700
A472J20C0GF5UAA
A472K20C0GF5UAA
AMMO
5600
A562J20C0GF5TAA
A562K20C0GF5TAA
REEL
5600
A562J20C0GF5UAA
A562K20C0GF5UAA
AMMO
MONO-AXIAL Y5V - 100 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
+ 80/- 20 % TOLERANCE
PACKAGING
10 000
100 Vdc
A103Z15Y5VH5TAA
REEL
10 000
A103Z15Y5VH5UAA
AMMO
15 000
A153Z15Y5VH5TAA
REEL
15 000
A153Z15Y5VH5UAA
AMMO
22 000
A223Z15Y5VH5TAA
REEL
22 000
A223Z15Y5VH5UAA
AMMO
33 000
A333Z15Y5VH5TAA
REEL
33 000
A333Z15Y5VH5UAA
AMMO
47 000
A473Z15Y5VH5TAA
REEL
47 000
A473Z15Y5VH5UAA
AMMO
68 000
A683Z15Y5VH5TAA
REEL
68 000
A683Z15Y5VH5UAA
AMMO
100 000
A104Z15Y5VH5TAA
REEL
100 000
A104Z15Y5VH5UAA
AMMO
150 000
A154Z20Y5VH5TAA
REEL
150 000
A154Z20Y5VH5UAA
AMMO
220 000
A224Z20Y5VH5TAA
REEL
220 000
A224Z20Y5VH5UAA
AMMO




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
561RLower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized 1 2 3 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl