Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2306 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2306
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2306 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2306 Datasheet HTML 7Page - Linear Technology LTC2306 Datasheet HTML 8Page - Linear Technology LTC2306 Datasheet HTML 9Page - Linear Technology LTC2306 Datasheet HTML 10Page - Linear Technology LTC2306 Datasheet HTML 11Page - Linear Technology LTC2306 Datasheet HTML 12Page - Linear Technology LTC2306 Datasheet HTML 13Page - Linear Technology LTC2306 Datasheet HTML 14Page - Linear Technology LTC2306 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2302/LTC2306
11
23026f
BLOCK DIAGRAM
TEST CIRCUITS
TIMING DIAGRAMS
Voltage Waveforms for SDO Delay Times, tdDO and thDO
Voltage Waveforms for tdis
Load Circuit for tdis Waveform 1
Load Circuit for tdis Waveform 2, ten
SDI
SDO
SCK
CONVST
23026 BD
SERIAL
PORT
ANALOG
INPUT
MUX
CH0 (IN+)
CH1 (IN)
VREF
LTC2302
LTC2306
PIN NAMES IN PARENTHESIS
REFER TO LTC2302
VDD
OVDD
GND
12-BIT
500ksps
ADC
+
SDO
TEST POINT
VDD
3k
CL
23026 TC01
SDO
TEST POINT
3k
CL
23026 TC02
SCK
SDO
VIL
tdDO
thDO
VOH
VOL
23026 TD01
SDO
WAVEFORM 1
(SEE NOTE 1)
VIH
tdis
90%
10%
SDO
WAVEFORM 2
(SEE NOTE 2)
CONVST
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL
23026 TD02


Similar Part No. - LTC2306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2306 LINER-LTC2306 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
More results

Similar Description - LTC2306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2308 LINER-LTC2308 Datasheet
450Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_11 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR
Rev 2; 6/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com