Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCB1-F1C-25M00 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VCB1-F1C-25M00
Description  3.3, 5.0 volt CMOS Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCB1-F1C-25M00 Datasheet(HTML) 6 Page - Vectron International, Inc

  VCB1-F1C-25M00 Datasheet HTML 1Page - Vectron International, Inc VCB1-F1C-25M00 Datasheet HTML 2Page - Vectron International, Inc VCB1-F1C-25M00 Datasheet HTML 3Page - Vectron International, Inc VCB1-F1C-25M00 Datasheet HTML 4Page - Vectron International, Inc VCB1-F1C-25M00 Datasheet HTML 5Page - Vectron International, Inc VCB1-F1C-25M00 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VCB1 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
Ordering Information:
VCB1 -
-
Product Family
Output Frequency
Crystal Oscillator
In MHZ
½ Size DIP
Voltage Options
A: +5.0 Vdc +/-10%, 15pF
B: +3.3 Vdc +/-10%, 15pF
C: +3.0 Vdc +/-5%, 15pF
E: +5.0 Vdc +/-10%, 50pF
F: +3.3Vdc +/-5%, 50pF
Electrical Options
3: Tri-state, 45/55% Duty
The following codes are not
recommended for new designs
0: No tri-state, 40/60% Duty
1: Tri-state, 40/60% Duty
2: No tri-state, 45/55%Duty
5: Enable, 40/60% Duty
6: Enable, 45/55% Duty
Stability Options
A: ±100ppm, 0 to 70°C
C: ±100ppm, -40 to 85°C
B: ±50ppm, 0 to 70°C
D: ±50ppm, -40 to 85°C
E: ±25ppm, 0 to 70°C
F: ±25ppm, -40 to 85°C
G: ±20ppm, 0 to 70°C
Note: Not all combinations are available.
Tri-state with a 45/55% is the most common Electrical code and is recommended for most applications.
Devices will be shipped in Anti Static Tubes
www.vectron.com
June23, 2006
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany
Tel: 49 (0) 7268 8010
• Fax: 49 (0) 7268 801281
ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd.,
WaiGaoQiao Free Trade Zone, Pudong New Area Shanghai, China 200131
•Tel: 8621 50480777 • Fax: 8621 50481881
B
3
B
25M00


Similar Part No. - VCB1-F1C-25M00

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
VCB1-24 GREEGOO-VCB1-24 Datasheet
1Mb / 16P
   Indoor Vacuum Circuit Breaker
More results

Similar Description - VCB1-F1C-25M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M000 VECTRON-CCFCCA-25M000 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCB2 VECTRON-VCB2 Datasheet
123Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com