Selected language     English  ā–¼


A-103-J-20-C0G-K-5-UAA Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. A-103-J-20-C0G-K-5-UAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 7 page
background image
Document Number: 45167
If not in range chart or for technical questions, please contact: cmll@vishay.com
www.vishay.com
Revision: 18-Sep-06
35
Mono-Axial
Dipped Axial Multilayer Ceramic Capacitors
for 200 - 500 Vdc
Vishay
MONO-AXIAL C0G - 500 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
270
500 Vdc
A271J15C0GL5TAA
A271K15C0GL5TAA
REEL
270
A271J15C0GL5UAA
A271K15C0GL5UAA
AMMO
330
A331J15C0GL5TAA
A331K15C0GL5TAA
REEL
330
A331J15C0GL5UAA
A331K15C0GL5UAA
AMMO
390
A391J15C0GL5TAA
A391K15C0GL5TAA
REEL
390
A391J15C0GL5UAA
A391K15C0GL5UAA
AMMO
470
A471J20C0GL5TAA
A471K20C0GL5TAA
REEL
470
A471J20C0GL5UAA
A471K20C0GL5UAA
AMMO
560
A561J20C0GL5TAA
A561K20C0GL5TAA
REEL
560
A561J20C0GL5UAA
A561K20C0GL5UAA
AMMO
680
A681J20C0GL5TAA
A681K20C0GL5TAA
REEL
680
A681J20C0GL5UAA
A681K20C0GL5UAA
AMMO
820
A821J20C0GL5TAA
A821K20C0GL5TAA
REEL
820
A821J20C0GL5UAA
A821K20C0GL5UAA
AMMO
1000
A102J20C0GL5TAA
A102K20C0GL5TAA
REEL
1000
A102J20C0GL5UAA
A102K20C0GL5UAA
AMMO




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MONO-AXIAL50-100Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc 1 2 3 4 5 MoreVishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl