Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2355-14 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2355-14
Description  Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2355-14 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2355-14 Datasheet HTML 7Page - Linear Technology LTC2355-14 Datasheet HTML 8Page - Linear Technology LTC2355-14 Datasheet HTML 9Page - Linear Technology LTC2355-14 Datasheet HTML 10Page - Linear Technology LTC2355-14 Datasheet HTML 11Page - Linear Technology LTC2355-14 Datasheet HTML 12Page - Linear Technology LTC2355-14 Datasheet HTML 13Page - Linear Technology LTC2355-14 Datasheet HTML 14Page - Linear Technology LTC2355-14 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC2355-12/LTC2355-14
2355f
INPUT SPAN VERSUS REFERENCE VOLTAGE
The differential input range has a 0V to VREF unipolar
voltage span that equals the difference between the volt-
age at the reference buffer output VREF at Pin 3, and the
voltage at the ground (Exposed Pad Ground). The differ-
ential input range of the ADC is 0V to 2.5V when using the
internal reference. The internal ADC is referenced to these
two nodes. This relationship also holds true with an
external reference.
DIFFERENTIAL INPUTS
The LTC2355-12/LTC2355-14 has a unique differential
sample-and-hold circuit that measures input voltages
from ground to VDD. The ADC will always convert the
unipolar difference of AIN+ – AIN–, independent of the
common mode voltage at the inputs. The common mode
rejection holds up at extremely high frequencies, see
Figure 3. The only requirement is that both inputs not go
below ground or exceed VDD. Integral nonlinearity errors
(INL) and differential nonlinearity errors (DNL) are largely
independent of the common mode voltage. However, the
offset error will vary. The change in offset error is typically
less than 0.1% of the common mode voltage.
Figure 4 shows the ideal input/output characteristics for
the LTC2355-12/LTC2355-14. The code transitions occur
midway between successive integer LSB values (i.e.,
0.5LSB, 1.5LSB, 2.5LSB, FS – 1.5LSB). The output code
is straight binary with 1LSB = 2.5V/16384 = 153
µV for the
LTC2355-14, and 1LSB = 2.5V/4096 = 610
µV for the
LTC2355-12. The LTC2355-14 has 1LSB RMS of random
white noise.
Figure 3. CMRR vs Frequency
Figure 4. LTC2355-12/LTC2355-14 Transfer Characteristic
APPLICATIO S I FOR ATIO
FREQUENCY (Hz)
100
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
1M
2355 F03
10M
100M
INPUT VOLTAGE (V)
2355 F05
111...111
111...110
111...101
000...000
000...001
000...010
FS – 1LSB
0


Similar Part No. - LTC2355-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-14 LINER-LTC2355-14 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC2355-14 LINER-LTC2355-14 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2355-14 LINER-LTC2355-14 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2355-14 LINER-LTC2355-14_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results

Similar Description - LTC2355-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12 Datasheet
266Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_09 Datasheet
294Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com