Selected language     English  ā–¼


A-103-J-20-C0G-H-5-TAA Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. A-103-J-20-C0G-H-5-TAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

 
 4 page
background image
Document Number: 45164
If not in range chart or for technical questions please contact cmll@vishay.com
www.vishay.com
Revision: 17-Jan-06
23
Mono-Axial
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
Vishay
MONO-AXIAL X7R - 50 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
10 % TOLERANCE
20 % TOLERANCE
PACKAGING
820
50 Vdc
A821K15X7RF5TAA
A821M15X7RF5TAA
REEL
820
A821K15X7RF5UAA
A821M15X7RF5UAA
AMMO
1000
A102K15X7RF5TAA
A102M15X7RF5TAA
REEL
1000
A102K15X7RF5UAA
A102M15X7RF5UAA
AMMO
1200
A122K15X7RF5TAA
A122M15X7RF5TAA
REEL
1200
A122K15X7RF5UAA
A122M15X7RF5UAA
AMMO
1500
A152K15X7RF5TAA
A152M15X7RF5TAA
REEL
1500
A152K15X7RF5UAA
A152M15X7RF5UAA
AMMO
1800
A182K15X7RF5TAA
A182M15X7RF5TAA
REEL
1800
A182K15X7RF5UAA
A182M15X7RF5UAA
AMMO
2200
A222K15X7RF5TAA
A222M15X7RF5TAA
REEL
2200
A222K15X7RF5UAA
A222M15X7RF5UAA
AMMO
2700
A272K15X7RF5TAA
A272M15X7RF5TAA
REEL
2700
A272K15X7RF5UAA
A272M15X7RF5UAA
AMMO
3300
A332K15X7RF5TAA
A332M15X7RF5TAA
REEL
3300
A332K15X7RF5UAA
A332M15X7RF5UAA
AMMO
3900
A392K15X7RF5TAA
A392M15X7RF5TAA
REEL
3900
A392K15X7RF5UAA
A392M15X7RF5UAA
AMMO
4700
A472K15X7RF5TAA
A472M15X7RF5TAA
REEL
4700
A472K15X7RF5UAA
A472M15X7RF5UAA
AMMO
5600
A562K15X7RF5TAA
A562M15X7RF5TAA
REEL
5600
A562K15X7RF5UAA
A562M15X7RF5UAA
AMMO
6800
A682K15X7RF5TAA
A682M15X7RF5TAA
REEL
6800
A682K15X7RF5UAA
A682M15X7RF5UAA
AMMO
8200
A822K15X7RF5TAA
A822M15X7RF5TAA
REEL
8200
A822K15X7RF5UAA
A822M15X7RF5UAA
AMMO
10 000
A103K15X7RF5TAA
A103M15X7RF5TAA
REEL
10 000
A103K15X7RF5UAA
A103M15X7RF5UAA
AMMO
12 000
A123K15X7RF5TAA
A123M15X7RF5TAA
REEL
12 000
A123K15X7RF5UAA
A123M15X7RF5UAA
AMMO
15 000
A153K15X7RF5TAA
A153M15X7RF5TAA
REEL
15 000
A153K15X7RF5UAA
A153M15X7RF5UAA
AMMO
18 000
A183K15X7RF5TAA
A183M15X7RF5TAA
REEL
18 000
A183K15X7RF5UAA
A183M15X7RF5UAA
AMMO
22 000
A223K15X7RF5TAA
A223M15X7RF5TAA
REEL
22 000
A223K15X7RF5UAA
A223M15X7RF5UAA
AMMO
27 000
A273K15X7RF5TAA
A273M15X7RF5TAA
REEL
27 000
A273K15X7RF5UAA
A273M15X7RF5UAA
AMMO
33 000
A333K15X7RF5TAA
A333M15X7RF5TAA
REEL
33 000
A333K15X7RF5UAA
A333M15X7RF5UAA
AMMO
39 000
A393K15X7RF5TAA
A393M15X7RF5TAA
REEL
39 000
A393K15X7RF5UAA
A393M15X7RF5UAA
AMMO
47 000
A473K15X7RF5TAA
A473M15X7RF5TAA
REEL
47 000
A473K15X7RF5UAA
A473M15X7RF5UAA
AMMO
56 000
A563K15X7RF5TAA
A563M15X7RF5TAA
REEL
56 000
A563K15X7RF5UAA
A563M15X7RF5UAA
AMMO
68 000
A683K15X7RF5TAA
A683M15X7RF5TAA
REEL
68 000
A683K15X7RF5UAA
A683M15X7RF5UAA
AMMO
82 000
A823K15X7RF5TAA
A823M15X7RF5TAA
REEL
82 000
A823K15X7RF5UAA
A823M15X7RF5UAA
AMMO
100 000
A104K15X7RF5TAA
A104M15X7RF5TAA
REEL
100 000
A104K15X7RF5UAA
A104M15X7RF5UAA
AMMO
120 000
A124K20X7RF5TAA
A124M20X7RF5TAA
REEL




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
561RLower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized 1 2 3 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl