Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P30LMLFDR102MA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P30LMLFDR102MA
Description  Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P30LMLFDR102MA Datasheet(HTML) 4 Page - Vishay Siliconix

  P30LMLFDR102MA Datasheet HTML 1Page - Vishay Siliconix P30LMLFDR102MA Datasheet HTML 2Page - Vishay Siliconix P30LMLFDR102MA Datasheet HTML 3Page - Vishay Siliconix P30LMLFDR102MA Datasheet HTML 4Page - Vishay Siliconix P30LMLFDR102MA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51056
4
Revision: 04-Sep-08
P30L
Vishay Sfernice
Long Life Potentiometer - 1 Million Cycles
Heavy Duty - Cermet
Fully Sealed
PERFORMANCES
TESTS
CONDITIONS
ΔRT/RT (%)
ΔR
1-2/R1-2 (%)
OTHER
Climatic Sequence
Phase A dry heat 100 °C
Phase B damp heat
Phase C cold - 40 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
-
Long Term Damp Heat
56 days
40 °C 93 % HR
± 0.5 %
± 1 %
Insulation resistance >
100 M
Ω
Rotational Life
1 000 000 cycles at rated power
Turn angle: ± 60°
33 cycles per minute
Temperature: 20 °C
± 20 %
-
Contact resistance
variation max. 35 %
Independent linearity
± 10 % (Typical)
Load Life
1000 h at rated power
90'/30'
Ambient temperature 70 °C
± 20 %
± 20 %
Contact resistance
variation max. 30%
Rapid Temperature Change
5 cycles
- 40 °C at 100 °C
± 0.5 %
-
-
Shock
50 g at 11 ms
3 successive shocks
in 3 directions
± 0.1 %
± 0.2 %
-
Vibration
10 - 55 Hz
0.75 mm or 10 g
during 6 h
± 0.1 %
± 0.2 %
-
SAP ORDERING INFORMATION (Part Number 18 digits)
MODEL
BUSHING
OPTION
SHAFT
RESISTANCE CODE / TOLERANCE
CODE / TAPER
SPECIAL
NUMBER
L =
M10 x 0.75
M = Panel
sealed
M10 x 0.75
0 = None
E = With
Locating
Peg (for
M bushing
only)
L = LPRP
Diameter
Length
End Shaft
Shape
Ohmic Value
Tolerance
Variation
Law
(if applicable)
Given by
VISHAY
for custom
design
F = Ø 6 mm
AP =
Custom
shaft
For L Bushing
G = 16 mm
L = 25 mm
R = 50 mm
For M Bushing
D = 13 mm
J = 22 mm
P = 47 mm
R = Round
On request
S = Slotted
D = Custom
end shaft
F = Flatted
102 = 1 k
Ω
502 = 5 k
Ω
103 = 10 k
Ω
503 = 50 k
Ω
M = 20 %
On request
K = 10 %
A = linear
PART NUMBER DESCRIPTION (for information only)
P30L
L
0
FDR
10K
20 %
ABO10
e3
MODEL
BUSHING
OPTION
SHAFT
VALUE
TOLERANCE
TAPER
SPECIAL
PACKAGING
SPECIAL SPECIAL
LEAD
(Pb)-FREE
L0
F
D
R
1
0
M
0
P
L
3
3A


Similar Part No. - P30LMLFDR102MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P30LMAPDD102MA VISHAY-P30LMAPDD102MA Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
P30LMAPDD102ML VISHAY-P30LMAPDD102ML Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
P30LMAPDD103MA VISHAY-P30LMAPDD103MA Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
P30LMAPDD103ML VISHAY-P30LMAPDD103ML Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
P30LMAPDD502MA VISHAY-P30LMAPDD502MA Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
More results

Similar Description - P30LMLFDR102MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
P11L VISHAY-P11L Datasheet
216Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
Revision: 04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
01-Jan-2022
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
   Long Life Cermet Potentiometer up to 2 Million Cycles
01-Jan-2022
P10L VISHAY-P10L Datasheet
122Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Revision: 10-Dec-07
P10L VISHAY-P10L_V01 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
logo
Bi technologies
P270 BITECH-P270 Datasheet
290Kb / 3P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P270 BITECH-P270_09 Datasheet
157Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P271 BITECH-P271_09 Datasheet
157Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
P272 BITECH-P272_09 Datasheet
157Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com