Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2301CMS-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2301CMS-TRPBF
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2301CMS-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2301CMS-TRPBF Datasheet HTML 3Page - Linear Technology LTC2301CMS-TRPBF Datasheet HTML 4Page - Linear Technology LTC2301CMS-TRPBF Datasheet HTML 5Page - Linear Technology LTC2301CMS-TRPBF Datasheet HTML 6Page - Linear Technology LTC2301CMS-TRPBF Datasheet HTML 7Page - Linear Technology LTC2301CMS-TRPBF Datasheet HTML 8Page - Linear Technology LTC2301CMS-TRPBF Datasheet HTML 9Page - Linear Technology LTC2301CMS-TRPBF Datasheet HTML 10Page - Linear Technology LTC2301CMS-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2301/LTC2305
7
23015f
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
1kHz Sine Wave
8192 Point FFT Plot
Supply Current
vs Sampling Frequency
Offset Error vs Temperature
Full-Scale Error vs Temperature
Supply Current vs Temperature
Sleep Current vs Temperature
Analog Input Leakage Current
vs Temperature
(LTC2301) TA = 25°C, VDD = 5V, fSMPL = 14ksps, unless otherwise noted.
OUTPUT CODE
0
1.00
0.75
0.25
–0.25
–0.75
0.50
0.00
–0.50
–1.00
2048
1024
3072
23015 G01
4096
OUTPUT CODE
0
1.00
0.75
0.25
–0.25
–0.75
0.50
0.00
–0.50
–1.00
2048
1024
3072
23015 G02
4096
FREQUENCY (kHz)
0
0
–70
–60
–50
–40
–30
–20
–10
–90
–110
–130
–80
–100
–120
–140
5
1234
6
23015 G03
7
SNR = 73.2 dB
SINAD = 73.1 dB
THD = –80dB
SAMPLING FREQUENCY (ksps)
23015 G04
2.5
1.0
1.5
2.0
0.5
0
0.1
10
100
1
TEMPERATURE (°C)
–50
1.5
1.0
0.0
0.5
–0.5
–1.0
50
0
100
23015 G05
125
25
–25
75
BIPOLAR
UNIPOLAR
TEMPERATURE (°C)
–50
4
2
–2
0
–4
–6
50
0
100
23015 G06
125
25
–25
75
BIPOLAR
UNIPOLAR
TEMPERATURE (°C)
–50
2.4
2.2
1.6
1.8
1.4
50
0
100
23015 G07
125
25
–25
75
TEMPERATURE (°C)
–50
10
8
2
4
6
0
50
0
100
23015 G08
125
25
–25
75
TEMPERATURE (°C)
–50
1000
800
900
700
200
100
400
300
600
500
0
50
0
100
23015 G09
125
25
–25
75


Similar Part No. - LTC2301CMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2301 LINER-LTC2301 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2301 LINER-LTC2301 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2301 LINER-LTC2301_15 Datasheet
891Kb / 26P
   1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
More results

Similar Description - LTC2301CMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2301 LINER-LTC2301_15 Datasheet
891Kb / 26P
   1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
LTC2305 LINER-LTC2305_15 Datasheet
891Kb / 26P
   1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
logo
Analog Devices
AD7994 AD-AD7994 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7992 AD-AD7992_05 Datasheet
934Kb / 28P
   2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
AD7993 AD-AD7993 Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
EVAL-AD7992 AD-EVAL-AD7992_15 Datasheet
465Kb / 12P
   Evaluation Board for the 2-Channel, 12-Bit ADC with I2C-Compatible Interface
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
logo
Linear Technology
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302 Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com