Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T50RIA Datasheet(PDF) 10 Page - Vishay Siliconix

Part # T50RIA
Description  Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T50RIA Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button T50RIA Datasheet HTML 4Page - Vishay Siliconix T50RIA Datasheet HTML 5Page - Vishay Siliconix T50RIA Datasheet HTML 6Page - Vishay Siliconix T50RIA Datasheet HTML 7Page - Vishay Siliconix T50RIA Datasheet HTML 8Page - Vishay Siliconix T50RIA Datasheet HTML 9Page - Vishay Siliconix T50RIA Datasheet HTML 10Page - Vishay Siliconix T50RIA Datasheet HTML 11Page - Vishay Siliconix T50RIA Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93756
10
Revision: 03-Jun-08
T..RIA Series
Vishay High Power Products Medium Power Phase Control Thyristors
(Power Modules), 50 A/70 A/90 A
Fig. 21 - Maximum Non-Repetitive Surge Current
Fig. 22 - Maximum Non-Repetitive Surge Current
Fig. 23 - On-State Voltage Drop Characteristics
Fig. 24 - Thermal Impedance ZthJC Characteristics
700
800
900
1000
1100
1200
1300
1400
1500
1600
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
T90RIA.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
RRM
J
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
T90RIA.. Series
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T90RIA.. Series
T = 125°C
J
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.65 K/W
R
= 0.50 K/W
R
= 0.38 K/W
(DC Operation)
thJC
thJC
thJC
T50RIA.. Series
T70RIA.. Series
T90RIA.. Series


Similar Part No. - T50RIA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T50RIA IRF-T50RIA Datasheet
218Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
T50RIA10 IRF-T50RIA10 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
T50RIA10 VISHAY-T50RIA10 Datasheet
264Kb / 14P
   Medium Power Phase Control Thyristors
Revision: 03-Jun-08
logo
International Rectifier
T50RIA100 IRF-T50RIA100 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
T50RIA100 VISHAY-T50RIA100 Datasheet
264Kb / 14P
   Medium Power Phase Control Thyristors
Revision: 03-Jun-08
More results

Similar Description - T50RIA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-TRIA VISHAY-VS-TRIA Datasheet
255Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
Revision: 20-Dec-16
VS-T..RIA VISHAY-VS-T..RIA Datasheet
252Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2022
VS-T..RIA VISHAY-VS-T..RIA_V01 Datasheet
252Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2023
T50RIA120S90 VISHAY-T50RIA120S90 Datasheet
254Kb / 13P
   Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Revision: 03-Jun-08
VS-TRIA VISHAY-VS-TRIA_V01 Datasheet
253Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 19-Nov-15
50RIA160MS90 VISHAY-50RIA160MS90 Datasheet
165Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 23-Apr-13
VS-50RIA60 VISHAY-VS-50RIA60 Datasheet
202Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 11-Mar-14
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com