Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2301IDEXPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2301IDEXPBF
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2301IDEXPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2301IDEXPBF Datasheet HTML 6Page - Linear Technology LTC2301IDEXPBF Datasheet HTML 7Page - Linear Technology LTC2301IDEXPBF Datasheet HTML 8Page - Linear Technology LTC2301IDEXPBF Datasheet HTML 9Page - Linear Technology LTC2301IDEXPBF Datasheet HTML 10Page - Linear Technology LTC2301IDEXPBF Datasheet HTML 11Page - Linear Technology LTC2301IDEXPBF Datasheet HTML 12Page - Linear Technology LTC2301IDEXPBF Datasheet HTML 13Page - Linear Technology LTC2301IDEXPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2301/LTC2305
10
23015f
PIN FUNCTIONS
GND (Pins 1, 4, 9): Ground. All GND pins must be con-
nected to a solid ground plane.
SDA (Pin 2): Bidirectional Serial Data Line of the I2C In-
terface. In transmitter mode (Read), the conversion result
is output at the SDA pin, while in receiver mode (Write),
the DIN word is input at the SDA pin to configure the ADC.
The pin is high impedance during the data input mode and
is an open drain output (requires an appropriate pull-up
device to VDD) during the data output mode.
SCL (Pin 3): Serial Clock Pin of the I2C Interface. The
LTC2305 can only act as a slave and the SCL pin only ac-
cepts an external serial clock. Data is shifted into the SDA
pin on the rising edges of the SCL clock and output through
the SDA pin on the falling edges of the SCL clock.
CH0-CH1 (Pins 5, 6): Channel 0 and Channel 1 Analog
Inputs. CH0 and CH1 can be configured as single-ended
or differential input channels. See the Analog Input Multi-
plexer section.
VREF (Pin 7): 2.5V Reference Output. Bypass to GND with
a minimum 2.2μF tantalum capacitor or low ESR ceramic
capacitor. The internal reference may be overdriven by an
external 2.5V reference at this pin.
REFCOMP (Pin 8): Reference Buffer Output. Bypass to
GND with a 10μF low ESR ceramic or tantalum and 0.1μF
ceramic capacitor in parallel. Nominal output voltage is
4.096V. The internal reference buffer driving this pin is
disabled by grounding VREF, allowing REFCOMP to be
overdriven by an external source (see Figure 5c).
VDD (Pin 10): 5V Analog Supply. The range of VDD is 4.75V
to 5.25V. Bypass VDD to GND with a 0.1μF ceramic and a
10μF low ESR ceramic or tantalum capacitor in parallel.
AD1 (Pin 11): Chip Address Control Pin. This pin is con-
figured as a three-state (LOW, HIGH, Floating) address
control bit for the device I2C address. See Table 2 for
address selection.
AD0 (Pin 12): Chip Address Control Pin. This pin is con-
figured as a three-state (LOW, HIGH, Floating) address
control bit for the device I2C address. See Table 2 for
address selection.
GND (Pin 13 – DFN Package Only): Exposed Pad Ground.
Must be soldered directly to ground plane.
(LTC2305)


Similar Part No. - LTC2301IDEXPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2301 LINER-LTC2301 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2301 LINER-LTC2301 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2301 LINER-LTC2301_15 Datasheet
891Kb / 26P
   1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
More results

Similar Description - LTC2301IDEXPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2301 LINER-LTC2301_15 Datasheet
891Kb / 26P
   1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
LTC2305 LINER-LTC2305_15 Datasheet
891Kb / 26P
   1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
logo
Analog Devices
AD7994 AD-AD7994 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7992 AD-AD7992_05 Datasheet
934Kb / 28P
   2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
AD7993 AD-AD7993 Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
EVAL-AD7992 AD-EVAL-AD7992_15 Datasheet
465Kb / 12P
   Evaluation Board for the 2-Channel, 12-Bit ADC with I2C-Compatible Interface
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
logo
Linear Technology
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302 Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com