Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T40HF20 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # T40HF20
Description  Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T40HF20 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button T40HF20 Datasheet HTML 3Page - Vishay Siliconix T40HF20 Datasheet HTML 4Page - Vishay Siliconix T40HF20 Datasheet HTML 5Page - Vishay Siliconix T40HF20 Datasheet HTML 6Page - Vishay Siliconix T40HF20 Datasheet HTML 7Page - Vishay Siliconix T40HF20 Datasheet HTML 8Page - Vishay Siliconix T40HF20 Datasheet HTML 9Page - Vishay Siliconix T40HF20 Datasheet HTML 10Page - Vishay Siliconix T40HF20 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number: 93587
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 12-Jun-08
9
T..HF Series
Power Rectifier Diodes (T-Modules),
40 A/70 A/85 A/110 A
Vishay High Power Products
Fig. 23 - Maximum Non-Repetitive Surge Current
Fig. 24 - Maximum Non-Repetitive Surge Current
Fig. 25 - Forward Voltage Drop Characteristics
Fig. 26 - Forward Voltage Drop Characteristics
Fig. 27 - Forward Voltage Drop Characteristics
Fig. 28 - Forward Voltage Drop Characteristics
400
600
800
1000
1200
1400
1600
1800
110
100
Number Of Equal Amplitude Half Cycle Current Pulses(N)
T110HF.. Series
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Ra ted Loa d Cond ition And With
Rated V
App lied Following Surge.
RRM
J
400
600
800
1000
1200
1400
1600
1800
2000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
T110HF.. Series
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
Versus Pulse Train Duration.
RRM
J
1
10
100
1000
00.5
1
1.5
22.5
3
3.5
4
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
T40HF.. Series
1
10
100
1000
00.5
1
1.5
2
2.5
3
T = 25°C
J
Instantaneous Forward Voltage (V)
T70HF.. Series
T = 150°C
J
10
100
1000
10000
01
2345
T = 25°C
J
InstantaneousForward Voltage (V)
T = 150°C
J
T85HF.. Series
10
100
1000
10000
0
0.5 1
1.5
2
2.5
3 3.5
4
4.5
5
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
T110HF.. Series
J


Similar Part No. - T40HF20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HF20 VISHAY-T40HF20 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
More results

Similar Description - T40HF20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
VS-T40HF VISHAY-VS-T40HF_V01 Datasheet
272Kb / 11P
   Power Rectifiers Diodes (T-modules), 40 A to 110 A
01-Jan-2022
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com