Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S222K43Y5PP6.K5. Datasheet(PDF) 8 Page - Vishay Siliconix

Part # S222K43Y5PP6.K5.
Description  Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S222K43Y5PP6.K5. Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button S222K43Y5PP6.K5. Datasheet HTML 3Page - Vishay Siliconix S222K43Y5PP6.K5. Datasheet HTML 4Page - Vishay Siliconix S222K43Y5PP6.K5. Datasheet HTML 5Page - Vishay Siliconix S222K43Y5PP6.K5. Datasheet HTML 6Page - Vishay Siliconix S222K43Y5PP6.K5. Datasheet HTML 7Page - Vishay Siliconix S222K43Y5PP6.K5. Datasheet HTML 8Page - Vishay Siliconix S222K43Y5PP6.K5. Datasheet HTML 9Page - Vishay Siliconix S222K43Y5PP6.K5. Datasheet HTML 10Page - Vishay Siliconix S222K43Y5PP6.K5. Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number 28515
56
Revision 26-Oct-06
HV 1 kV - 6 kV
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 1/2/3/6 kV General Purpose
Notes
1. Maximum thickness 8.0 mm.
2. Lead style codes refer to straight leads. Other styles available on request.
3. All packaged in bulk.
Note
1. The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack.
ORDERING INFORMATION, 6 KV (DC), STRAIGHT
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD SPACING
F (mm)
SEATED
HEIGHT
(mm)
CLEAR TEXT CODE
16th DIGIT:
R = RoHS COMPLIANT
STRAIGHT
CLASS 1 SL
10
± 20
10.0
10
3.0
S100M39SL0U83L0.
15
S150M43SL0U83L0.
22
S220M43SL0U83L0.
33
13.5
S330M53SL0U83L0.
CLASS 1 S3N
47
± 20
11.0
10
3.0
S470M43S3NU83L0.
68
13.5
S680M53S3NU83L0.
100
15.0
S101M59S3NU83L0.
150
15.0
S151M59S3NU83L0.
CLASS 2 Z5U
220
± 20
10.0
10
3.0
S221M39Z5UU83L0.
330
11.0
S331M43Z5UU83L0.
470
12.0
S471M47Z5UU83L0.
680
13.5
S681M53Z5UU83L0.
1000
15.0
S102M59Z5UU83L0.
1500
17.5
S152M69Z5UU83L0.
2200
19.0
S222M75Z5UU83L0.
PACKAGING
PACKAGING
TYPE
SIZE
CODE
LEAD SPACE
(mm)
VOLTAGE
(VDC)
SPQ
BOX DIMENSIONS
L
× W × H
(mm)
Bulk
(long lead L
≥ 25.4 mm
20 to 47
all
all
1000
245 x 120 x 65
1000
1000
53 to 75
500
84 to 96
250
Tape and reel
≤ 47
≤ 6.4
< 500
2500
370 x 370 x 60
500
≤ WV ≤ 2000
2000
3000
1000
≥ 7.5
all
1000
Ammopack
≤ 47
≤ 6.4
< 500
2000
335 x 240 x 50
500
≤ WV < 2000
2000
335 x 290 x 50
2000 and 3000
1500
≥ 7.5
all
1500
360 x 330 x 55


Similar Part No. - S222K43Y5PP6.K5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K43Y5PP6 VISHAY-S222K43Y5PP6 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - S222K43Y5PP6.K5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com