Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T70HF20 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T70HF20
Description  Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T70HF20 Datasheet(HTML) 4 Page - Vishay Siliconix

  T70HF20 Datasheet HTML 1Page - Vishay Siliconix T70HF20 Datasheet HTML 2Page - Vishay Siliconix T70HF20 Datasheet HTML 3Page - Vishay Siliconix T70HF20 Datasheet HTML 4Page - Vishay Siliconix T70HF20 Datasheet HTML 5Page - Vishay Siliconix T70HF20 Datasheet HTML 6Page - Vishay Siliconix T70HF20 Datasheet HTML 7Page - Vishay Siliconix T70HF20 Datasheet HTML 8Page - Vishay Siliconix T70HF20 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93587
4
Revision: 12-Jun-08
T..HF Series
Vishay High Power Products
Power Rectifier Diodes (T-Modules),
40 A/70 A/85 A/110 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
60
70
80
90
100
110
120
130
140
150
010
20
30
40
50
30°
60°
90°
120°
180°
Conduction Angle
Average Forwa rd Current (A)
T40HF.. Series
R
(DC) = 1.36 K/ W
thJC
60
70
80
90
100
110
120
130
140
150
0
10
20304050
6070
DC
30°
60°
90°
120°
180°
Conduc tion Period
Average Forward Current (A)
T40HF.. Series
R
(DC) = 1.36 K/ W
thJC
0
255075
100
125
150
Maximum Allowable Ambient Temperature (°C)
2
K/
W
3
K/
W
5 K
/ W
7 K/
W
10 K
/ W
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
Average Forward Current (A)
RMSLimit
Conduc tion Angle
180°
120°
90°
60°
30°
T40HF.. Series
T = 150°C
J
025
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
10 K/ W
5 K/W
2 K
/W
1.5
K/W
1
K/
W
7 K/W
3 K
/ W
0
10
20
30
40
50
60
70
0
1020
30
4050
60
70
DC
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Period
Average Forward Current (A)
T40HF.. Series
T = 150°C
J


Similar Part No. - T70HF20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T70HF20 VISHAY-T70HF20 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
More results

Similar Description - T70HF20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
VS-T40HF VISHAY-VS-T40HF_V01 Datasheet
272Kb / 11P
   Power Rectifiers Diodes (T-modules), 40 A to 110 A
01-Jan-2022
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com