Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T70HF40 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T70HF40
Description  Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T70HF40 Datasheet(HTML) 3 Page - Vishay Siliconix

  T70HF40 Datasheet HTML 1Page - Vishay Siliconix T70HF40 Datasheet HTML 2Page - Vishay Siliconix T70HF40 Datasheet HTML 3Page - Vishay Siliconix T70HF40 Datasheet HTML 4Page - Vishay Siliconix T70HF40 Datasheet HTML 5Page - Vishay Siliconix T70HF40 Datasheet HTML 6Page - Vishay Siliconix T70HF40 Datasheet HTML 7Page - Vishay Siliconix T70HF40 Datasheet HTML 8Page - Vishay Siliconix T70HF40 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 93587
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 12-Jun-08
3
T..HF Series
Power Rectifier Diodes (T-Modules),
40 A/70 A/85 A/110 A
Vishay High Power Products
Note
(1) A mounting compound is recommended and the torque should be rechecked after a period of about 3 hours to allow for the spread of the
compound
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
T40HF T70HF
T85HF
T110HF UNITS
Maximum peak reverse
leakage current
IRRM
TJ = 150 °C
15
15
20
20
mA
RMS isolation voltage
VISOL
50 Hz, circuit to base, all terminals shorted
TJ = 25 °C, t = 1 s
3500
3500
3500
3500
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
T40HF T70HF
T85HF
T110HF UNITS
Maximum junction operating
and storage temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
1.36
0.69
0.62
0.47
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface smooth, flat
and greased
0.2
Mounting torque,
± 10 %
to heatsink
Non-lubricated
threads
M3.5 mounting screws (1)
1.3 ± 10 %
Nm
terminals
M5 screw terminals
3 ± 10 %
Approximate weight
See dimensions - link at the end of datasheet
54
g
Case style
T-module
D-55
ΔR CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION AT TJ MAXIMUM
RECTANGULAR CONDUCTION AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
T40HF
0.12
0.14
0.18
0.27
0.46
0.09
0.15
0.20
0.28
0.46
K/W
T70HF
0.09
0.11
0.14
0.20
0.35
0.07
0.11
0.15
0.21
0.35
T85HF
0.08
0.09
0.12
0.18
0.31
0.06
0.10
0.13
0.19
0.31
T110HF
0.05
0.07
0.09
0.14
0.23
0.05
0.08
0.10
0.15
0.24


Similar Part No. - T70HF40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T70HF40 VISHAY-T70HF40 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
More results

Similar Description - T70HF40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
VS-T40HF VISHAY-VS-T40HF_V01 Datasheet
272Kb / 11P
   Power Rectifiers Diodes (T-modules), 40 A to 110 A
01-Jan-2022
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com