Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VAR
Description  Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VAR Datasheet(HTML) 1 Page - Vishay Siliconix

  VAR Datasheet HTML 1Page - Vishay Siliconix VAR Datasheet HTML 2Page - Vishay Siliconix VAR Datasheet HTML 3Page - Vishay Siliconix VAR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63140
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 12-Feb-08
1
VAR (Vishay Audio Resistor)
Vishay Foil Resistors
Ultra High Precision, High Resolution Z-Foil Audio Resistor,
with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 %
and Noise < - 40 dB
Any value at any tolerance available within resistance range
INTRODUCTION
The VAR, composed of Vishay’s Bulk Metal® Z-foil
technology, with improved sound quality, provides a
combination of low noise and low inductance/capacitance,
making it unrivalled for applications requiring low noise and
distortion-free properties.
While
the
regular
foil
resistors
are
already
widely
acknowledged as the leading resistors for audio applications,
the special “naked Z-foil resistor” design without mold or
encapsulation, adds an additional dimension for reducing
signal distortion and increasing clarity in signal processing.
Our application engineering department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
- 55 °C to + 125 °C, 25 °C ref.
± 0.2 ppm/°C typical (see table 1)
• Rated power: to 0.4 W at + 70 °C
• Tolerance: to ± 0.01 %
• Load life stability: to ± 0.01 % at 70 °C, 2000 h at rated
power
• Resistance range: 10 Ω to 100 kΩ (higher or lower values
of resistance are available)
• Electrostatic discharge (ESD) above 25 000 V
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient: < 0.1 ppm/V
• Low inductance: < 0.08 µH typical
• Non hot spot design
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
APPLICATIONS
• High precision amplifiers
• High-end speaker system
• High-end audio circuit
• Transducer
• High fidelity audio amplifier
Note:
• For other values and tighter tolerances, please contact application engineering using the footer below
* Pb containing terminations are not RoHS compliant, exemptions may apply
FIGURE 1 - TYPICAL TCR CURVE Z-FOIL
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
Available
Pb-free
RoHS*
COMPLIANT
TABLE 1 - RESISTANCE VERSUS TCR (- 55 °C to + 125 °C, + 25 °C Ref.)
RESISTOR
RESISTANCE VALUE
(
Ω)
TYPICAL TCR AND MAXIMUM SPREAD
(ppm/°C)
TIGHTEST TOLERANCE
(%)
VAR
100 to < 100K
± 0.2 ± 1.8
0.01
50 to < 100
± 0.2 ± 2.8
0.01
10 to < 50
± 0.2 ± 3.8
0.02


Similar Part No. - VAR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VAR VISHAY-VAR Datasheet
537Kb / 5P
   Ultra High Precision, Z-Foil Audio Resistor Minimizes Noise and Distortion in the Signal Path
Revision: 22-Nov-10
VAR VISHAY-VAR Datasheet
537Kb / 5P
   Ultra High Precision, Z-Foil Audio Resistor Minimizes Noise and Distortion in the Signal Path
Revision: 22-Nov-10
logo
TDK Electronics
VAR-18024053M3P-K TDK-VAR-18024053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18030053M3P-AK TDK-VAR-18030053M3P-AK Datasheet
222Kb / 2P
   Ring Varistors
VAR-18030053M3P-K TDK-VAR-18030053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
More results

Similar Description - VAR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
VPR220Z VISHAY-VPR220Z Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com