Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T70HFL40S05 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # T70HFL40S05
Description  Fast Recovery Diodes, 40/70/85 A (T-Modules)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T70HFL40S05 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button T70HFL40S05 Datasheet HTML 5Page - Vishay Siliconix T70HFL40S05 Datasheet HTML 6Page - Vishay Siliconix T70HFL40S05 Datasheet HTML 7Page - Vishay Siliconix T70HFL40S05 Datasheet HTML 8Page - Vishay Siliconix T70HFL40S05 Datasheet HTML 9Page - Vishay Siliconix T70HFL40S05 Datasheet HTML 10Page - Vishay Siliconix T70HFL40S05 Datasheet HTML 11Page - Vishay Siliconix T70HFL40S05 Datasheet HTML 12Page - Vishay Siliconix T70HFL40S05 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Document Number: 93184
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 13-Feb-08
9
T..HFL Series
Fast Recovery Diodes,
40/70/85 A (T-Modules)
Vishay High Power Products
Fig. 31 - Recovery Time Characteristics
Fig. 32 - Recovery Charge Characteristics
Fig. 33 - Recovery Current Characteristics
Fig. 34 - Recovery Time Characteristics
Fig. 35 - Recovery Charge Characteristics
Fig. 36 - Recovery Current Characteristics
0.8
0.9
1
1.1
1.2
1.3
0
0
1
0
1
100A
50A
200A
Ra te Of Fall Of Forward Current - di/ d t (A/ µs)
I
= 300A
T85HFL..S05
T = 125°C
FM
J
6
9
12
15
18
21
24
27
30
10 20 30 40 50 60 70 80 90 100
200A
Ra te Of Fall Of Forwa rd Current - di/ d t (A/ µs)
T85HFL..S05
T = 125°C
100A
50A
J
I
= 300A
FM
10
15
20
25
30
35
10 20 30 40 50 60 70 80 90 100
100A
50A
200A
Ra te Of Fall Of Forwa rd Current - di/ dt (A/ µs)
T85HFL..S05
T = 125°C
I
= 300A
J
FM
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
0
0
1
0
1
100A
50A
200A
Ra te Of Fa ll Of Forward Current - di/ dt (A/ µs)
T85HFL..S10
T = 125°C
I
= 300A
J
FM
10
15
20
25
30
35
40
45
50
55
10 20 30 40 50 60 70 80 90 100
200A
Ra te Of Fa ll Of Forwa rd Current - di/ d t (A/ µs)
100A
50A
T85HFL..S10
T = 125°C
J
I
= 300A
FM
15
20
25
30
35
40
45
50
55
60
10 20 30 40 50 60 70 80 90 100
100A
50A
200A
I
= 300A
T85HFL..S10
T = 125°C
Rate Of Fall Of Forwa rd Current - d i/ dt (A/µs)
FM
J


Similar Part No. - T70HFL40S05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T70HFL40S05 IRF-T70HFL40S05 Datasheet
219Kb / 13P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
T70HFL40S05 VISHAY-T70HFL40S05 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
More results

Similar Description - T70HFL40S05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com