Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T85HFL100S05 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T85HFL100S05
Description  Fast Recovery Diodes, 40/70/85 A (T-Modules)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T85HFL100S05 Datasheet(HTML) 2 Page - Vishay Siliconix

  T85HFL100S05 Datasheet HTML 1Page - Vishay Siliconix T85HFL100S05 Datasheet HTML 2Page - Vishay Siliconix T85HFL100S05 Datasheet HTML 3Page - Vishay Siliconix T85HFL100S05 Datasheet HTML 4Page - Vishay Siliconix T85HFL100S05 Datasheet HTML 5Page - Vishay Siliconix T85HFL100S05 Datasheet HTML 6Page - Vishay Siliconix T85HFL100S05 Datasheet HTML 7Page - Vishay Siliconix T85HFL100S05 Datasheet HTML 8Page - Vishay Siliconix T85HFL100S05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93184
2
Revision: 13-Feb-08
T..HFL Series
Vishay High Power Products
Fast Recovery Diodes,
40/70/85 A (T-Modules)
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
trr
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 25 °C
µA
T40HFL..
T70HFL..
T85HFL..
10
S02, S05, S10
100
150
100
20
S02, S05, S10
200
300
40
S02, S05, S10
400
500
60
S02, S05, S10
600
700
80
S05, S10
800
900
100
S05, S10
1000
1100
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
T40HFL
T70HFL
T85HFL UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
40
70
85
A
70
°C
Maximum RMS forward current
IF(RMS)
63
110
133
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No
voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
475
830
1300
A
t = 8.3 ms
500
870
1370
t = 10 ms
100 %
VRRM
reapplied
400
700
1100
t = 8.3 ms
420
730
1150
Maximum I2t for fusing
I2t
t = 10 ms
No
voltage
reapplied
1130
3460
8550
A2s
t = 8.3 ms
1030
3160
7810
t = 10 ms
100 %
VRRM
reapplied
800
2450
6050
t = 8.3 ms
730
2230
5520
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
11 300
34 600
85 500
A2
√s
Low level value of threshold voltage
VF(TO)1
TJ = 25 °C, (16.7 % x π x IF(AV) < I < π x IF(AV))
0.82
0.87
0.84
V
High level value of threshold voltage
VF(TO)2
TJ = 25 °C, (I > π x IF(AV))
0.84
0.90
0.86
Low level value of forward
slope resistance
rf1
TJ = 25 °C, (16.7 % x π x IF(AV) < I < π x IF(AV))
7.0
2.77
2.15
m
Ω
High level value of forward
slope resistance
rf2
TJ = 25 °C, (I > π x IF(AV))
6.8
2.67
2.07
Maximum forward voltage drop
VFM
IFM = π x IF(AV), TJ = 25 °C, tp = 400 µs square wave
Average power = VF(TO) x IF(AV) + rf x (IF(RMS))2
1.60
1.73
1.55
V


Similar Part No. - T85HFL100S05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T85HFL100S05 IRF-T85HFL100S05 Datasheet
219Kb / 13P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
T85HFL100S05 VISHAY-T85HFL100S05 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
More results

Similar Description - T85HFL100S05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com