Selected language     English  ā–¼


A-103-J-15-X7R-F-5-UAA Datasheet(PDF) 8 Page - Vishay Siliconix

Part No. A-103-J-15-X7R-F-5-UAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

 
 8 page
background image
Document Number: 45164
If not in range chart or for technical questions please contact cmll@vishay.com
www.vishay.com
Revision: 17-Jan-06
27
Mono-Axial
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
Vishay
MONO-AXIAL X7R - 100 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
10 % TOLERANCE
20 % TOLERANCE
PACKAGING
15 000
100 Vdc
A153K15X7RH5TAA
A153M15X7RH5TAA
REEL
15 000
A153K15X7RH5UAA
A153M15X7RH5UAA
AMMO
18 000
A183K15X7RH5TAA
A183M15X7RH5TAA
REEL
18 000
A183K15X7RH5UAA
A183M15X7RH5UAA
AMMO
22 000
A223K15X7RH5TAA
A223M15X7RH5TAA
REEL
22 000
A223K15X7RH5UAA
A223M15X7RH5UAA
AMMO
27 000
A273K20X7RH5TAA
A273M20X7RH5TAA
REEL
27 000
A273K20X7RH5UAA
A273M20X7RH5UAA
AMMO
33 000
A333K20X7RH5TAA
A333M20X7RH5TAA
REEL
33 000
A333K20X7RH5UAA
A333M20X7RH5UAA
AMMO
39 000
A393K20X7RH5TAA
A393M20X7RH5TAA
REEL
39 000
A393K20X7RH5UAA
A393M20X7RH5UAA
AMMO
47 000
A473K20X7RH5TAA
A473M20X7RH5TAA
REEL
47 000
A473K20X7RH5UAA
A473M20X7RH5UAA
AMMO
56 000
A563K20X7RH5TAA
A563M20X7RH5TAA
REEL
56 000
A563K20X7RH5UAA
A563M20X7RH5UAA
AMMO
68 000
A683K20X7RH5TAA
A683M20X7RH5TAA
REEL
68 000
A683K20X7RH5UAA
A683M20X7RH5UAA
AMMO
82 000
A823K20X7RH5TAA
A823M20X7RH5TAA
REEL
82 000
A823K20X7RH5UAA
A823M20X7RH5UAA
AMMO
100 000
A104K20X7RH5TAA
A104M20X7RH5TAA
REEL
100 000
A104K20X7RH5UAA
A104M20X7RH5UAA
AMMO
MONO-AXIAL C0G - 100 VDC V CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
10
100 Vdc
A100J15C0GH5TAA
A100K15C0GH5TAA
REEL
10
A100J15C0GH5UAA
A100K15C0GH5UAA
AMMO
12
A120J15C0GH5TAA
A120K15C0GH5TAA
REEL
12
A120J15C0GH5UAA
A120K15C0GH5UAA
AMMO
15
A150J15C0GH5TAA
A150K15C0GH5TAA
REEL
15
A150J15C0GH5UAA
A150K15C0GH5UAA
AMMO
18
A180J15C0GH5TAA
A180K15C0GH5TAA
REEL
18
A180J15C0GH5UAA
A180K15C0GH5UAA
AMMO
22
A220J15C0GH5TAA
A220K15C0GH5TAA
REEL
22
A220J15C0GH5UAA
A220K15C0GH5UAA
AMMO
27
A270J15C0GH5TAA
A270K15C0GH5TAA
REEL
27
A270J15C0GH5UAA
A270K15C0GH5UAA
AMMO
33
A330J15C0GH5TAA
A330K15C0GH5TAA
REEL
33
A330J15C0GH5UAA
A330K15C0GH5UAA
AMMO
39
A390J15C0GH5TAA
A390K15C0GH5TAA
REEL
39
A390J15C0GH5UAA
A390K15C0GH5UAA
AMMO
47
A470J15C0GH5TAA
A470K15C0GH5TAA
REEL
47
A470J15C0GH5UAA
A470K15C0GH5UAA
AMMO
56
A560J15C0GH5TAA
A560K15C0GH5TAA
REEL
56
A560J15C0GH5UAA
A560K15C0GH5UAA
AMMO
68
A680J15C0GH5TAA
A680K15C0GH5TAA
REEL
68
A680J15C0GH5UAA
A680K15C0GH5UAA
AMMO
82
A820J15C0GH5TAA
A820K15C0GH5TAA
REEL
82
A820J15C0GH5UAA
A820K15C0GH5UAA
AMMO
100
A101J15C0GH5TAA
A101K15C0GH5TAA
REEL
100
A101J15C0GH5UAA
A101K15C0GH5UAA
AMMO
120
A121J15C0GH5TAA
A121K15C0GH5TAA
REEL




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
561RLower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized 1 2 3 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl