Electronic Components Datasheet Search
Selected language     English  ▼


A-103-J-15-X7R-F-5-UAA Datasheet(PDF) 10 Page - Vishay Siliconix

Part No. A-103-J-15-X7R-F-5-UAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

 
 10 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
561RLower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized 1 2 3 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl