Selected language     English  ā–¼


A-103-K-15-X7R-F-5-UAA Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. A-103-K-15-X7R-F-5-UAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

 
 7 page
background image
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45164
26
Revision: 17-Jan-06
Mono-Axial
Vishay
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
MONO-AXIAL X7R - 100 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
10 % TOLERANCE
20 % TOLERANCE
PACKAGING
100
100 Vdc
A101K15X7RH5TAA
A101M15X7RH5TAA
REEL
100
A101K15X7RH5UAA
A101M15X7RH5UAA
AMMO
120
A121K15X7RH5TAA
A121M15X7RH5TAA
REEL
120
A121K15X7RH5UAA
A121M15X7RH5UAA
AMMO
150
A151K15X7RH5TAA
A151M15X7RH5TAA
REEL
150
A151K15X7RH5UAA
A151M15X7RH5UAA
AMMO
180
A181K15X7RH5TAA
A181M15X7RH5TAA
REEL
180
A181K15X7RH5UAA
A181M15X7RH5UAA
AMMO
220
A221K15X7RH5TAA
A221M15X7RH5TAA
REEL
220
A221K15X7RH5UAA
A221M15X7RH5UAA
AMMO
270
A271K15X7RH5TAA
A271M15X7RH5TAA
REEL
270
A271K15X7RH5UAA
A271M15X7RH5UAA
AMMO
330
A331K15X7RH5TAA
A331M15X7RH5TAA
REEL
330
A331K15X7RH5UAA
A331M15X7RH5UAA
AMMO
390
A391K15X7RH5TAA
A391M15X7RH5TAA
REEL
390
A391K15X7RH5UAA
A391M15X7RH5UAA
AMMO
470
A471K15X7RH5TAA
A471M15X7RH5TAA
REEL
470
A471K15X7RH5UAA
A471M15X7RH5UAA
AMMO
560
A561K15X7RH5TAA
A561M15X7RH5TAA
REEL
560
A561K15X7RH5UAA
A561M15X7RH5UAA
AMMO
680
A681K15X7RH5TAA
A681M15X7RH5TAA
REEL
680
A681K15X7RH5UAA
A681M15X7RH5UAA
AMMO
820
A821K15X7RH5TAA
A821M15X7RH5TAA
REEL
820
A821K15X7RH5UAA
A821M15X7RH5UAA
AMMO
1000
A102K15X7RH5TAA
A102M15X7RH5TAA
REEL
1000
A102K15X7RH5UAA
A102M15X7RH5UAA
AMMO
1200
A122K15X7RH5TAA
A122M15X7RH5TAA
REEL
1200
A122K15X7RH5UAA
A122M15X7RH5UAA
AMMO
1500
A152K15X7RH5TAA
A152M15X7RH5TAA
REEL
1500
A152K15X7RH5UAA
A152M15X7RH5UAA
AMMO
1800
A182K15X7RH5TAA
A182M15X7RH5TAA
REEL
1800
A182K15X7RH5UAA
A182M15X7RH5UAA
AMMO
2200
A222K15X7RH5TAA
A222M15X7RH5TAA
REEL
2200
A222K15X7RH5UAA
A222M15X7RH5UAA
AMMO
2700
A272K15X7RH5TAA
A272M15X7RH5TAA
REEL
2700
A272K15X7RH5UAA
A272M15X7RH5UAA
AMMO
3300
A332K15X7RH5TAA
A332M15X7RH5TAA
REEL
3300
A332K15X7RH5UAA
A332M15X7RH5UAA
AMMO
3900
A392K15X7RH5TAA
A392M15X7RH5TAA
REEL
3900
A392K15X7RH5UAA
A392M15X7RH5UAA
AMMO
4700
A472K15X7RH5TAA
A472M15X7RH5TAA
REEL
4700
A472K15X7RH5UAA
A472M15X7RH5UAA
AMMO
5600
A562K15X7RH5TAA
A562M15X7RH5TAA
REEL
5600
A562K15X7RH5UAA
A562M15X7RH5UAA
AMMO
6800
A682K15X7RH5TAA
A682M15X7RH5TAA
REEL
6800
A682K15X7RH5UAA
A682M15X7RH5UAA
AMMO
8200
A822K15X7RH5TAA
A822M15X7RH5TAA
REEL
8200
A822K15X7RH5UAA
A822M15X7RH5UAA
AMMO
10 000
A103K15X7RH5TAA
A103M15X7RH5TAA
REEL
10 000
A103K15X7RH5UAA
A103M15X7RH5UAA
AMMO
12 000
A123K15X7RH5TAA
A123M15X7RH5TAA
REEL
12 000
A123K15X7RH5UAA
A123M15X7RH5UAA
AMMO




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
561RLower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized 1 2 3 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl