Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA40 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SA40
Description  TRANSZORB® Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA40 Datasheet(HTML) 6 Page - Vishay Siliconix

  SA40 Datasheet HTML 1Page - Vishay Siliconix SA40 Datasheet HTML 2Page - Vishay Siliconix SA40 Datasheet HTML 3Page - Vishay Siliconix SA40 Datasheet HTML 4Page - Vishay Siliconix SA40 Datasheet HTML 5Page - Vishay Siliconix SA40 Datasheet HTML 6Page - Vishay Siliconix SA40 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SA5.0 thru SA170CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88378
Revision: 21-Oct-08
6
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 11. Typical Instantaneous Forward Voltage
VF - Forward Voltage (V)
0.5
1
1.5
2.5
0.1
2
10
100
Uni-Directional Only
20
1
0.2
0
2
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Figure 12. Breakdown Voltage Temperature Coefficient Curve
VWM - Rated Stand-Off Voltage (V)
5.0
10
100
500
1.0
10
100
200
Uni-Directional
Bi-Directional
DO-204AC (DO-15)
0.034 (0.86)
0.028 (0.71)
DIA.
0.140 (3.6)
0.104 (2.6)
DIA.
1.0 (25.4)
MIN.
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.


Similar Part No. - SA40

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA40 PANJIT-SA40 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Yangzhou yangjie electr...
SA40 YANGJIE-SA40 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
First Components Intern...
SA40 FCI-SA40 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA40 LUGUANG-SA40 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA40 WTE-SA40 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com