Selected language     English  ā–¼


A-103-J-15-X7R-H-5-UAA Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. A-103-J-15-X7R-H-5-UAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

 
 5 page
background image
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45164
24
Revision: 17-Jan-06
Mono-Axial
Vishay
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
MONO-AXIAL X7R - 50 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
10 % TOLERANCE
20 % TOLERANCE
PACKAGING
120 000
50 Vdc
A124K20X7RF5UAA
A124M20X7RF5UAA
AMMO
150 000
A154K20X7RF5TAA
A154M20X7RF5TAA
REEL
150 000
A154K20X7RF5UAA
A154M20X7RF5UAA
AMMO
220 000
A224K20X7RF5TAA
A224M20X7RF5TAA
REEL
220 000
A224K20X7RF5UAA
A224M20X7RF5UAA
AMMO
330 000
A334K20X7RF5TAA
A334M20X7RF5TAA
REEL
330 000
A334K20X7RF5UAA
A334M20X7RF5UAA
AMMO
470 000
A474K20X7RF5TAA
A474M20X7RF5TAA
REEL
470 000
A474K20X7RF5UAA
A474M20X7RF5UAA
AMMO
680 000
A684K20X7RF5TAA
A684M20X7RF5TAA
REEL
680 000
A684K20X7RF5UAA
A684M20X7RF5UAA
AMMO
1 000 000
A105K20X7RF5TAA
A105M20X7RF5TAA
REEL
1 000 000
A105K20X7RF5UAA
A105M20X7RF5UAA
AMMO
MONO-AXIAL C0G - 50 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (VDC)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
10
50 Vdc
A100J15C0GF5TAA
A100K15C0GF5TAA
REEL
10
A100J15C0GF5UAA
A100K15C0GF5UAA
AMMO
12
A120J15C0GF5TAA
A120K15C0GF5TAA
REEL
12
A120J15C0GF5UAA
A120K15C0GF5UAA
AMMO
15
A150J15C0GF5TAA
A150K15C0GF5TAA
REEL
15
A150J15C0GF5UAA
A150K15C0GF5UAA
AMMO
18
A180J15C0GF5TAA
A180K15C0GF5TAA
REEL
18
A180J15C0GF5UAA
A180K15C0GF5UAA
AMMO
22
A220J15C0GF5TAA
A220K15C0GF5TAA
REEL
22
A220J15C0GF5UAA
A220K15C0GF5UAA
AMMO
27
A270J15C0GF5TAA
A270K15C0GF5TAA
REEL
27
A270J15C0GF5UAA
A270K15C0GF5UAA
AMMO
33
A330J15C0GF5TAA
A330K15C0GF5TAA
REEL
33
A330J15C0GF5UAA
A330K15C0GF5UAA
AMMO
39
A390J15C0GF5TAA
A390K15C0GF5TAA
REEL
39
A390J15C0GF5UAA
A390K15C0GF5UAA
AMMO
47
A470J15C0GF5TAA
A470K15C0GF5TAA
REEL
47
A470J15C0GF5UAA
A470K15C0GF5UAA
AMMO
56
A560J15C0GF5TAA
A560K15C0GF5TAA
REEL
56
A560J15C0GF5UAA
A560K15C0GF5UAA
AMMO
68
A680J15C0GF5TAA
A680K15C0GF5TAA
REEL
68
A680J15C0GF5UAA
A680K15C0GF5UAA
AMMO
82
A820J15C0GF5TAA
A820K15C0GF5TAA
REEL
82
A820J15C0GF5UAA
A820K15C0GF5UAA
AMMO
100
A101J15C0GF5TAA
A101K15C0GF5TAA
REEL
100
A101J15C0GF5UAA
A101K15C0GF5UAA
AMMO
120
A121J15C0GF5TAA
A121K15C0GF5TAA
REEL
120
A121J15C0GF5UAA
A121K15C0GF5UAA
AMMO
150
A151J15C0GF5TAA
A151K15C0GF5TAA
REEL
150
A151J15C0GF5UAA
A151K15C0GF5UAA
AMMO
180
A181J15C0GF5TAA
A181K15C0GF5TAA
REEL
180
A181J15C0GF5UAA
A181K15C0GF5UAA
AMMO
220
A221J15C0GF5TAA
A221K15C0GF5TAA
REEL
220
A221J15C0GF5UAA
A221K15C0GF5UAA
AMMO
270
A271J15C0GF5TAA
A271K15C0GF5TAA
REEL
270
A271J15C0GF5UAA
A271K15C0GF5UAA
AMMO
330
A331J15C0GF5TAA
A331K15C0GF5TAA
REEL




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
561RLower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized 1 2 3 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl