Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y4485V0076QA9R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # Y4485V0076QA9R
Description  Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y4485V0076QA9R Datasheet(HTML) 4 Page - Vishay Siliconix

  Y4485V0076QA9R Datasheet HTML 1Page - Vishay Siliconix Y4485V0076QA9R Datasheet HTML 2Page - Vishay Siliconix Y4485V0076QA9R Datasheet HTML 3Page - Vishay Siliconix Y4485V0076QA9R Datasheet HTML 4Page - Vishay Siliconix Y4485V0076QA9R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DSMZ (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Bulk Metal® Z-Foil Surface Mount
Voltage Divider, TCR Tracking of < 0.1 ppm/°C, PCR of
± 5 ppm at Rated Power and Stability of ± 0.005 % (50 ppm)
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63121
4
Revision: 06-Aug-07
Note
* For non-standard requests or additional values, please contact Application Engineering.
Note
1. Other values available upon request.
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y4485V0067QT9W (preferred part number format)
DENOTES PRECISION
VCODE*
TOLERANCE MATCH
PACKAGING
Y
RESISTANCE
VALUE CODE
T = 0.01 %
Q = 0.02 %
A = 0.05 %
R = Tape and Reel
W = Waffle Pack
L = Bulk Pack
PRODUCT CODE
RESISTANCE TOLERANCE
AER*
4485 = DSMZ
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
FOR EXAMPLE: ABOVE GLOBAL ORDER Y4485 V0067 Q T 9 W:
TYPE: DSMZ
VALUES: 10K/400R
ABSOLUTE TOLERANCE: ± 0.02 %
TOLERANCE MATCH: 0.01 %
TERMINATION: Lead (Pb)-free
PACKAGING: Waffle Pack
HISTORICAL PART NUMBER: DSMZ 10K 400R TCR0.2 Q T S W (will continue to be used)
DSMZ
10K 400R
TCR0.2
Q
T
S
W
MODEL
OHMIC VALUE
TCR
CHARACTERISTIC
ABSOLUTE
TOLERANCE
TOLERANCE
MATCH
TERMINATION
PACKAGING
R1 = 10 kΩ
R2 = 400 Ω
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
T = 0.01 %
Q = 0.02 %
A = 0.05 %
S = Lead (Pb)-free
B = Tin/Lead
T = Tape and Reel
W = Waffle Pack
B = Bulk Pack
TABLE 4 - RESISTANCE VALUE CODE LIST FOR POPULAR RATIOS1)
VCODES
R1/R2
RATIO
R1
R2
VCODES
R1/R2
RATIO
R1
R2
V0052
100
10K
100R
V0080
2.5
1K
400R
V0065
50
10K
200R
V0081
500R
200R
V0066
5K
100R
V0082
2
10K
5K
V0067
V0068
25
10K
5K
400R
200R
V0083
2K
1K
V0084
1K
500R
V0085
400R
200R
V0069
20
10K
500R
V0086
200R
100R
V0070
2K
100R
V0087
1.25
500R
400R
V0071
10
10K
1K
V0001
V0002
V0059
V0004
V0091
V0090
V0089
V0088
1
10K
5K
2K
1K
500R
400R
200R
100R
10K
5K
2K
1K
500R
400R
200R
100R
V0072
2K
200R
V0073
1K
100R
V0074
5
5K
1K
V0075
2K
400R
V0076
1K
200R
V0077
500R
100R
V0246
4
10K
2K5
V0078
2K
500R
V0079
400R
100R
4
8
5
V
067
0
Y4
T9
Q
W


Similar Part No. - Y4485V0076QA9R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y4485V0001AT9R VISHAY-Y4485V0001AT9R Datasheet
420Kb / 5P
   Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
Revision: 25-Mar-10
More results

Similar Description - Y4485V0076QA9R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y4485V0001AT9R VISHAY-Y4485V0001AT9R Datasheet
420Kb / 5P
   Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
Revision: 25-Mar-10
E102Z VISHAY-E102Z Datasheet
95Kb / 3P
   Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor
Revision: 28-Feb-08
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
VSR144 VISHAY-VSR144 Datasheet
40Kb / 2P
   Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
Revision 05-Aug-02
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
VSMD1505 VISHAY-VSMD1505 Datasheet
71Kb / 2P
   Bulk Metal Foil Technology Miniature, Ultimate Tracking Surface Mount Divider
Revision 24-Oct-02
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com