Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y4046759K000B0W Datasheet(PDF) 5 Page - Vishay Siliconix

Part # Y4046759K000B0W
Description  Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y4046759K000B0W Datasheet(HTML) 5 Page - Vishay Siliconix

  Y4046759K000B0W Datasheet HTML 1Page - Vishay Siliconix Y4046759K000B0W Datasheet HTML 2Page - Vishay Siliconix Y4046759K000B0W Datasheet HTML 3Page - Vishay Siliconix Y4046759K000B0W Datasheet HTML 4Page - Vishay Siliconix Y4046759K000B0W Datasheet HTML 5Page - Vishay Siliconix Y4046759K000B0W Datasheet HTML 6Page - Vishay Siliconix Y4046759K000B0W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 63024
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 25-Oct-07
5
V5X5P, V15X5P, V15X10P
Bulk Metal® Foil Technology Discrete Chips
with TCR of 2 ppm/°C and Tolerance to 0.005 %
for use in Hybrid Circuits
Vishay Foil Resistors
Notes
* For non-standard requests, please contact Application Engineering.
** To order user trimmable chips specify the final resistance value desired.
TABLE 5 - GLOBAL PART NUMBER INFORMATION
(Untrimmed Option)
NEW GLOBAL PART NUMBER: Y4044759R0000W (preferred part number format)
DENOTES PRECISION
GOOD FOR VALUE**
PACKAGING
YR =
Ω
K = k
Ω
W = Waffle Pack
PRODUCT CODE
AER*
Untrimmed**:
4044 = V5X5PU
4046 = V15X5PU
4471 = V15X10PU
0 = Standard
1 - 999 = Custom
FOR EXAMPLE: ABOVE GLOBAL ORDER Y4044 759R000 0 W:
TYPE: V5X5P Untrimmed
GOOD FOR VALUE: 759.0
Ω
AER TYPE: Standard
PACKAGING: Waffle Pack
HISTORICAL PART NUMBER: V5X5PU 759R00 W (will continue to be used)
V5X5PU
759R00
W
MODEL
GOOD FOR VALUE
PACKAGING
V5X5PU
V15X5PU
V15X10PU
759R00 = 759.0
Ω
W = Waffle Pack
0447
9
R
0
5
Y4
0
0
W
0


Similar Part No. - Y4046759K000B0W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
Y4063-1.0KBCT VISHAY-Y4063-1.0KBCT Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
Y4063-1.0KBDKR VISHAY-Y4063-1.0KBDKR Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
More results

Similar Description - Y4046759K000B0W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VFP-3 VISHAY-VFP-3 Datasheet
123Kb / 5P
   Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Revision: 29-Aug-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com