Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA3-C6G-25M00 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VCA3-C6G-25M00
Description  3.3, 5.0 volt CMOS Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCA3-C6G-25M00 Datasheet(HTML) 5 Page - Vectron International, Inc

  VCA3-C6G-25M00 Datasheet HTML 1Page - Vectron International, Inc VCA3-C6G-25M00 Datasheet HTML 2Page - Vectron International, Inc VCA3-C6G-25M00 Datasheet HTML 3Page - Vectron International, Inc VCA3-C6G-25M00 Datasheet HTML 4Page - Vectron International, Inc VCA3-C6G-25M00 Datasheet HTML 5Page - Vectron International, Inc VCA3-C6G-25M00 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VCA3 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
Reliability
The VCA3 qualification tests have included:
Table 4. Environnemental Compliance
Param eter
Conditions
Mechanical Shock
MIL-STD-883 Method 2022
Mechanical Vibration
MIL-STD-883 Method 2007
Temperature Cycle
MIL-STD-883 Method 1010
Gross and Fine Leak
MIL-STD-883 Method 1014
Resistance to Solvents
MIL-STD-883 Method 2015
Handling Precautions
Although ESD protection circuitry has been designed into the the VCA3, proper precautions should be taken
when handling and mounting. VI employs a Human Body Model and a Charged-Device Model (CDM) for
ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on the circuit
parameters used to define the model. Although no industry wide standard has been adopted for the CDM, a
standard HBM of resistance = 1.5kohms and capacitance = 100pF is widely used and therefore can be
used for comparison purposes.
Table 5. ESD Ratings
Model
Minimum
Conditions
Human Body Model
1000
MIL-STD-883 Method 3115
Charged Device Model
1500
JESD 22-C101
Suggested IR profile
Devices are built using lead free epoxy and can also be subjected to standard lead free IR reflow conditions,
Table 6 shows max temperatures and lower temperatures. A peak temperature of 240°C minimum should be
used to reflow the lead solder.
Table 6. Reflow Profile (IPC/JEDEC J-STD-020)
Parameter
Symbol
Value
Preheat Time
t S
150 sec Min, 200 sec Max
Ramp Up
R UP
3
oC/sec Max
Time Above 217
oC
t L
60 sec Min, 150 sec Max
Time To Peak Temperature
t AMB-P
480 sec Max
Time At 260
oC (max)
t P
10 sec Max
Time At 240 °C (max)
tp2
60 sec Max
Ramp Down
R DN
6
oC/sec Max


Similar Part No. - VCA3-C6G-25M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCA3-103 VECTRON-VCA3-103 Datasheet
27Kb / 2P
   VCA3-103, 105 Pin Crystal Oscillators
VCA3-203 VECTRON-VCA3-203 Datasheet
120Kb / 2P
   VCA3-203, 205 14 Pin Dip Crystal Oscillators
More results

Similar Description - VCA3-C6G-25M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M000 VECTRON-CCFCCA-25M000 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCB2 VECTRON-VCB2 Datasheet
123Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com