Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRU050-TKLGA-65M0000000 Datasheet(PDF) 9 Page - Vectron International, Inc

Part # TRU050-TKLGA-65M0000000
Description  Complete VCXO based Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050-TKLGA-65M0000000 Datasheet(HTML) 9 Page - Vectron International, Inc

Back Button TRU050-TKLGA-65M0000000 Datasheet HTML 5Page - Vectron International, Inc TRU050-TKLGA-65M0000000 Datasheet HTML 6Page - Vectron International, Inc TRU050-TKLGA-65M0000000 Datasheet HTML 7Page - Vectron International, Inc TRU050-TKLGA-65M0000000 Datasheet HTML 8Page - Vectron International, Inc TRU050-TKLGA-65M0000000 Datasheet HTML 9Page - Vectron International, Inc TRU050-TKLGA-65M0000000 Datasheet HTML 10Page - Vectron International, Inc TRU050-TKLGA-65M0000000 Datasheet HTML 11Page - Vectron International, Inc TRU050-TKLGA-65M0000000 Datasheet HTML 12Page - Vectron International, Inc TRU050-TKLGA-65M0000000 Datasheet HTML 13Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TRU050, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 9 of 14
Rev: 26Aug2008
Layout Considerations
To achieve stable, low noise performance good analog layout techniques should be incorporated and a
partial list includes:
The TRU050 should be treated more like an analog device and the power supply should be well decoupled
with good quality RF 0.01 uf and 0.1uf capacitors. In some cases, a pi filter such as a large capacitor (10uF)
to ground, a series ferrite bead or inductor, and 0.01 uf and 100 pf capacitor to ground to decouple the
device supply is used.
The traces for the OUT1, OUT2, RCLK and RDATA ouputs should be kept as short as possible. It is common
practice to use a series resistor – 50 to 100 ohms – in order to reduce reflections if these traces are more
than a couple of inches long. Also OUT1, OUT2 RCLK and RDATA should not be routed directly underneath
the device.
The op-amp loop filter components should be kept as close to the device as possible and the feedback
capacitor should be located close the op-amp input terminal. The loop filter capacitor(s) should be low
leakage and polarized capacitors are allowed keeping this is mind.
Unused outputs should be left floating and it is not required to load or terminate them (such as an PECL or
ECL output). Loading unused outputs will only increase current consumption.
Typical Application Circuits
The above loop has a 11 Hz bandwidth.
Figure 8. 8kHz to DS3 Frequency Translation
pin 3
pin 4
pin 1
pin 2
pin 6
10K 0.1uF 10K 2.2uF 330K 20K
0.1uF
10K , 2.2uF
10K
÷ 2796
8 kHz (Pin 7)
16kHz (Pin 9)
TRU050
44.736 MHz
pin 15


Similar Part No. - TRU050-TKLGA-65M0000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRU050-TKLGA ETC-TRU050-TKLGA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
More results

Similar Description - TRU050-TKLGA-65M0000000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com