Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T95R107M010LSAS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # T95R107M010LSAS
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T95R107M010LSAS Datasheet(HTML) 5 Page - Vishay Siliconix

  T95R107M010LSAS Datasheet HTML 1Page - Vishay Siliconix T95R107M010LSAS Datasheet HTML 2Page - Vishay Siliconix T95R107M010LSAS Datasheet HTML 3Page - Vishay Siliconix T95R107M010LSAS Datasheet HTML 4Page - Vishay Siliconix T95R107M010LSAS Datasheet HTML 5Page - Vishay Siliconix T95R107M010LSAS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 40081
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 23-Jan-08
153
T95
Solid Tantalum Chip Capacitors
TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Vishay Sprague
Notes:
(1) Capacitance Tolerance: K, M
(2) Termination and Packaging: C, E, H, L
(3) Reliability Level: A, S, Z
(4) Surge Current: A, B, S
(5) ESR: L, S
(6) Reliability Level: A, B, S, Z
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
STD.(S)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
LOW (L)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
35 WVDC AT + 85 °C, SURGE = 46 V . . . 23 WVDC AT + 125 °C, SURGE = 28 V
0.10
S
T95S104(1)035(2)(3)(4)L
0.5
4
N/A
20.000
0.15
S
T95S104(1)035(2)(3)(4)L
0.5
4
N/A
18.000
0.22
S
T95S224(1)035(2)(3)(4)L
0.5
4
N/A
15.000
0.33
S
T95S334(1)035(2)(3)(4)L
0.5
4
N/A
12.000
0.47
S
T95S474(1)035(2)(3)(4)L
0.5
4
N/A
9.000
0.68
S
T95S684(1)035(2)(3)(4)L
0.5
4
N/A
5.000
1
S
T95S105(1)035(2)(3)(4)L
0.5
4
N/A
3.500
1.5
V
T95V155(1)035(2)(3)(4)L
0.5
6
N/A
3.000
2.2
X
T95X225(1)035(2)(3)(4)L
0.8
6
N/A
2.000
3.3
Y
T95Y335(1)035(2)(3)(4)L
1.2
6
N/A
1.500
4.7
Z
T95Z475(1)035(2)(3)(4)L
1.6
6
N/A
0.800
6.8
Z
T95Z685(1)035(2)(3)(4)L
2.4
6
N/A
0.800
10
Z
T95Z106(1)035(2)(3)(4)L
3.5
6
N/A
0.600
15
D
T95D156(1)035(2)(3)(4)(5)
5.3
6
0.410
0.270
15
R
T95R156(1)035(2)(3)(4)(5)
5.3
6
0.380
0.190
22
R
T95R226(1)035(2)(3)(4)(5)
7.7
6
0.280
0.240
33
R
T95R336(1)035(2)(3)(4)(5)
11.6
6
0.280
0.200
50 WVDC AT + 85 °C, SURGE = 65 V . . . 33 WVDC AT + 125 °C, SURGE = 40 V
4.7
C
T95C475(1)050(2)(3)(4)(5)
2.4
6
1.4
1.0
6.8
D
T95D685(1)050(2)(3)(4)(5)
3.4
6
0.820
0.450
10
R
T95R106(1)050(2)(3)(4)(5)
5.0
6
0.650
0.500
15
R
T95R156(1)050(2)(3)(4)(5)
7.5
6
0.400
0.350
22
R
T95R226(1)050(2)(3)(4)(5)
11.0
6
0.390
0.300


Similar Part No. - T95R107M010LSAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95R107K010CAAL VISHAY-T95R107K010CAAL Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T95R107K020CAAL VISHAY-T95R107K020CAAL Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
More results

Similar Description - T95R107M010LSAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com