Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U673D478F040JS1C Datasheet(PDF) 9 Page - Vishay Siliconix

Part # U673D478F040JS1C
Description  Aluminum Capacitors 105 °C, Tubular Radial Lead
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U673D478F040JS1C Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button U673D478F040JS1C Datasheet HTML 5Page - Vishay Siliconix U673D478F040JS1C Datasheet HTML 6Page - Vishay Siliconix U673D478F040JS1C Datasheet HTML 7Page - Vishay Siliconix U673D478F040JS1C Datasheet HTML 8Page - Vishay Siliconix U673D478F040JS1C Datasheet HTML 9Page - Vishay Siliconix U673D478F040JS1C Datasheet HTML 10Page - Vishay Siliconix U673D478F040JS1C Datasheet HTML 11Page - Vishay Siliconix U673D478F040JS1C Datasheet HTML 12Page - Vishay Siliconix U673D478F040JS1C Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
U673D and U674D
Vishay Sprague
Aluminum Capacitors
+ 105 °C, Tubular Radial Lead
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42057
440
Revision: 16-Jul-08
7.5 WVDC AT + 105 °C, SURGE = 10 V
1200.0
U673D128H7R5GE1C
GE
115.0
76.0
2.36
78.0
1800.0
U673D188H7R5HE1C
HE
80.0
55.0
3.06
56.0
2700.0
U673D278H7R5JE1C
JE
62.0
45.0
3.68
46.0
3900.0
U673D398H7R5HJ1C
HJ
39.0
28.0
4.92
29.0
4700.0
U673D478H7R5JJ1C
JJ
35.0
25.0
5.66
26.0
5600.0
U673D568H7R5HL1C
HL
28.0
20.0
6.50
22.0
6800.0
U673D688H7R5HP1C
HP
23.0
17.0
7.70
19.0
8200.0
U673D828H7R5JL1C
JL
23.0
18.0
7.41
19.0
10 000.0
U673D109H7R5JP1C
JP
19.0
15.0
8.86
16.0
12 000.0
U673D129H7R5JS1C
JS
17.0
13.0
10.20
14.0
15 000.0
U673D159H7R5JT1C
JT
14.0
12.0
11.40
13.0
10 WVDC AT + 105 °C, SURGE = 14 V
1000.0
U673D108H010GE1C
GE
123.0
76.0
2.36
77.0
1500.0
U673D158H010HE1C
HE
89.0
56.0
3.03
58.0
2200.0
U673D228H010JE1C
JE
67.0
45.0
3.68
47.0
3300.0
U673D338H010HJ1C
HJ
43.0
29.0
4.84
30.0
3900.0
U673D398H010GP1C
GP
31.0
20.0
6.51
23.0
4700.0
U673D478H010JJ1C
JJ
35.0
24.0
5.78
26.0
5600.0
U673D568H010HP1C
HP
22.0
15.0
8.20
18.0
6800.0
U673D688H010JL1C
JL
23.0
16.0
7.86
19.0
8200.0
U673D828H010JP1C
JP
19.0
14.0
9.17
17.0
10 000.0
U673D109H010JS1C
JS
16.0
12.0
10.60
15.0
12 000.0
U673D129H010JT1C
JT
14.0
11.0
11.90
14.0
12 WVDC AT + 105 °C, SURGE = 16 V
1000.0
U673D108H012GE1C
GE
126.0
76.0
2.36
79.0
1500.0
U673D158H012HE1C
HE
88.0
55.0
3.06
58.0
2200.0
U673D228H012JE1C
JE
68.0
43.0
3.77
45.0
2700.0
U673D278H012GL1C
GL
41.0
25.0
5.31
27.0
3300.0
U673D338H012HJ1C
HJ
45.0
29.0
4.84
31.0
3900.0
U673D398H012JJ1C
JJ
38.0
25.0
5.66
28.0
4700.0
U673D478H012HL1C
HL
30.0
19.0
6.67
21.0
5600.0
U673D568H012JL1C
JL
24.0
17.0
7.62
21.0
6800.0
U673D688H012HS1C
HS
19.0
13.0
9.51
17.0
8200.0
U673D828H012JP1C
JP
19.0
14.0
9.17
18.0
10 000.0
U673D109H012JS1C
JS
16.0
12.0
10.60
16.0
12 000.0
U673D129H012JT1C
JT
14.0
10.0
12.40
14.0
15 WVDC AT + 105 °C, SURGE = 20 V
820.0
U673D827H015GE1C
GE
142.0
78.0
2.33
80.0
1500.0
U673D158H015HE1C
HE
86.0
51.0
3.18
53.0
1800.0
U673D188H015JE1C
JE
74.0
46.0
3.64
48.0
2700.0
U673D278H015HJ1C
HJ
47.0
28.0
4.92
30.0
3300.0
U673D338H015GP1C
GP
34.0
20.0
6.51
23.0
3900.0
U673D398H015JJ1C
JJ
37.0
24.0
5.78
27.0
5600.0
U673D568H015JL1C
JL
25.0
17.0
7.62
20.0
6800.0
U673D688H015JP1C
JP
20.0
13.0
9.51
17.0
8200.0
U673D828H015JS1C
JS
17.0
12.0
10.60
16.0
12 000.0
U673D129H015JT1C
JT
15.0
10.0
12.40
14.0
Note
(1) For applications requiring single ended, 3 lead capacitors, change the Part Number U673D to Part Number U674D. Type U674D is only
available in terminal style “A”.
ORIGINAL RATINGS
CAPACITANCE
(µF)
PART NUMBER (1)
CASE CODE
MAX. ESR
AT + 25 °C (m
Ω)
MAX. RIPPLE
AT + 85 °C (A)
MAX.
IMPEDANCE
AT 100 kHz
(m
Ω)
120 Hz
20 kHz
20 kHz to
100 kHz


Similar Part No. - U673D478F040JS1C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U67-27-14 FERROXCUBE-U67-27-14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14 FERROXCUBE-U67/27/14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C81 FERROXCUBE-U67/27/14-3C81 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C91 FERROXCUBE-U67/27/14-3C91 Datasheet
41Kb / 3P
   U, I cores and accessories
logo
Renesas Technology Corp
U67A RENESAS-U67A Datasheet
577Kb / 73P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - U673D478F040JS1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com