Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRU050-GFLNA-65M0000000 Datasheet(PDF) 11 Page - Vectron International, Inc

Part # TRU050-GFLNA-65M0000000
Description  Complete VCXO based Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050-GFLNA-65M0000000 Datasheet(HTML) 11 Page - Vectron International, Inc

Back Button TRU050-GFLNA-65M0000000 Datasheet HTML 6Page - Vectron International, Inc TRU050-GFLNA-65M0000000 Datasheet HTML 7Page - Vectron International, Inc TRU050-GFLNA-65M0000000 Datasheet HTML 8Page - Vectron International, Inc TRU050-GFLNA-65M0000000 Datasheet HTML 9Page - Vectron International, Inc TRU050-GFLNA-65M0000000 Datasheet HTML 10Page - Vectron International, Inc TRU050-GFLNA-65M0000000 Datasheet HTML 11Page - Vectron International, Inc TRU050-GFLNA-65M0000000 Datasheet HTML 12Page - Vectron International, Inc TRU050-GFLNA-65M0000000 Datasheet HTML 13Page - Vectron International, Inc TRU050-GFLNA-65M0000000 Datasheet HTML 14Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TRU050, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 11 of 14
Rev: 26Aug2008
The device has been qualified to meet the JEDEC
standard for Pb-Free assembly. The temperatures
and time intervals listed are based on the Pb-Free
small body requirements. The temperatures refer to
the topside of the package, measured on the
package body surface. The TRU050 device is
hermetically sealed so an aqueous wash is not an
issue.
25
217
200
150
260
Time (sec)
t S
t AMB-P
t L
t P
R UP
R DN
The above loop has a 125 Hz bandwidth.
Figure 11. 19.440 Clock Smoothing
Table 5. Reflow Profile (IPC/JEDEC J-STD-020C)
Parameter
Symbol
Value
PreHeat Time
t S
60 sec Min, 180 sec Max
Ramp Up
R UP
3
oC/sec Max
Time Above 217
oC
t L
60 sec Min, 150 sec Max
Time To Peak Temperature
t AMB-P
480 sec Max
Time At 260
oC
t P
20 sec Min, 40 sec Max
Ramp Down
R DN
6
oC/sec Max
Figure 12. Suggested IR profile
19.440MHz
19.440 MHz
2.430 MHz
Pin 13
Pin 15
Pin 9
60K
1.0uF 90K
10K
10K, 2.2uF , 10K
TRU050
pin 4
pin 1
pin 3
pin 2
pin 6
÷16


Similar Part No. - TRU050-GFLNA-65M0000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRU050-GFLCA ETC-TRU050-GFLCA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
TRU050-GFLFA ETC-TRU050-GFLFA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
TRU050-GFLGA ETC-TRU050-GFLGA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
TRU050-GFLHA ETC-TRU050-GFLHA Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
More results

Similar Description - TRU050-GFLNA-65M0000000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com