Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04023J4R7AATTR Datasheet(PDF) 9 Page - AVX Corporation

Part # 04023J4R7AATTR
Description  Thin-Film Technology
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04023J4R7AATTR Datasheet(HTML) 9 Page - AVX Corporation

Back Button 04023J4R7AATTR Datasheet HTML 5Page - AVX Corporation 04023J4R7AATTR Datasheet HTML 6Page - AVX Corporation 04023J4R7AATTR Datasheet HTML 7Page - AVX Corporation 04023J4R7AATTR Datasheet HTML 8Page - AVX Corporation 04023J4R7AATTR Datasheet HTML 9Page - AVX Corporation 04023J4R7AATTR Datasheet HTML 10Page - AVX Corporation 04023J4R7AATTR Datasheet HTML 11Page - AVX Corporation 04023J4R7AATTR Datasheet HTML 12Page - AVX Corporation 04023J4R7AATTR Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
14
1
Capacitance
Self
Ref
Effective
Max
Ref
Effective
Max
Ref
Effective
Max
Ref
Effective
Max
& Tolerance*
Resonance
Freq.
Capacitance
ESR
Freq.
Capacitance
ESR
Freq.
Capacitance
ESR
Freq.
Capacitance
ESR
@ 1 MHz
Frequency
MHz
Max/Min
(
Ω)
MHz
Max/Min
(
Ω)
MHz
Max/Min
(
Ω)
MHz
Max/Min
(
Ω)
(pF)
(GHz)
(pF)
(pF)
(pF)
(pF)
0.1±0.05
18.0
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.2±0.05
12.7
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.3±0.05
10.4
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.4±0.05
9.0
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.5±0.05
8.1
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.6±0.10
7.4
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.7±0.10
6.8
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.8±0.10
6.4
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0.9±0.10
6.0
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1.0±0.10
5.7
245
1.15/0.90
.280
491
1.10/0.90
.220
738
1.10/0.90
.220
987
1.15/0.90
.300
1.1±0.10
5.4
244
1.25/1.00
.270
490
1.25/1.00
.210
736
1.11/1.00
.210
985
1.25/1.00
.290
1.2±0.10
5.2
243
1.35/1.10
.260
487
1.35/1.05
.200
734
1.40/1.05
.210
981
1.35/1.05
.280
1.3±0.10
5.0
242
1.45/1.15
.260
486
1.45/1.15
.200
732
1.45/1.15
.200
974
1.45/1.15
.270
1.4±0.10
4.8
241
1.55/1.25
.250
485
1.55/1.25
.190
731
1.45/1.25
.200
977
1.55/1.25
.260
1.5±0.10
4.7
241
1.65/1.35
.250
484
1.65/1.35
.180
729
1.65/1.35
.190
976
1.70/1.35
.250
1.6±0.10
4.5
240
1.75/1.45
.240
483
1.75/1.45
.180
727
1.75/1.45
.190
973
1.80/1.50
.250
1.7±0.10
4.4
240
1.85/1.55
.230
482
1.85/1.60
.170
725
1.85/1.60
.180
971
1.90/1.60
.250
1.8±0.10
4.2
239
2.10/1.70
.220
479
2.10/1.70
.160
723
2.10/1.70
.170
969
2.15/1.70
.250
1.9±0.10
4.1
239
2.15/1.78
.210
478
2.15/1.80
.160
721
2.15/1.80
.167
967
2.20/1.80
.240
2.0±0.10
4.0
238
2.11/1.80
.205
477
2.11/1.80
.155
720
2.11/1.80
.165
966
2.25/1.90
.230
2.1±0.10
3.9
237
2.25/1.95
.200
475
2.25/1.98
.150
718
2.35/1.98
.162
964
2.35/2.00
.220
2.2±0.10
3.8
236
2.40/2.05
.190
474
2.45/2.05
.145
717
2.42/2.05
.160
962
2.45/2.10
.210
2.4±0.25
3.7
234
2.70/2.15
.175
471
2.75/2.15
.140
713
2.80/2.15
.150
958
2.80/2.15
.200
2.7±0.25
3.5
232
3.00/2.45
.160
468
3.10/2.45
.125
709
3.10/2.45
.145
954
3.15/2.48
.190
3.0±0.25
3.3
230
3.40/2.75
.150
465
3.40/2.75
.120
706
3.40/2.75
.140
951
3.60/2.80
.170
3.3±0.25
3.1
226
3.60/3.05
.130
459
3.70/3.05
.120
699
3.70/3.05
.130
945
3.80/3.10
.165
3.6±0.25
3.0
224
3.90/3.30
.128
456
4.25/3.35
.119
697
3.90/3.35
.125
942
4.10/3.40
.160
3.9±0.25
2.9
223
4.20/3.65
.125
455
4.35/3.70
.115
695
4.90/3.75
.120
940
5.15/3.75
.150
4.3±0.25
2.7
220
4.60/4.00
.122
451
4.80/4.05
.117
692
5.10/4.05
.115
937
5.30/4.05
.150
4.7±0.25
2.6
218
5.00/4.45
.120
448
5.20/4.45
.110
689
5.30/4.50
.115
935
5.50/4.55
.145
5.1±0.25
2.5
216
5.40/4.85
.115
445
5.70/4.89
.105
686
6.00/4.90
.115
931
6.20/5.00
.140
5.6±0.25
2.4
214
5.90/5.35
.110
443
6.10/5.35
.100
684
6.15/5.40
.110
929
6.50/5.50
.135
6.2±0.25
2.3
211
6.50/5.95
.105
439
6.90/5.95
.099
680
7.10/6.00
.110
927
8.00/6.10
.130
6.8±0.25
2.2
208
7.20/6.55
.100
435
7.25/6.55
.099
677
7.50/6.60
.110
925
9.00/6.65
.130
7.5±0.50
2.1
205
8.10/7.00
.095
432
8.10/7.00
.099
675
8.20/7.00
.110
925
9.50/7.05
.125
8.2±0.50
2.0
202
8.80/7.70
.090
429
8.80/7.70
.098
672
9.00/7.70
.110
921
10.00/7.80
.125
9.1±0.50
1.9
200
9.80/8.60
.090
425
10.95/8.65
.098
670
12.00/9.00
.110
919
13.00/9.10
.120
10±5%
1.8
195
10.70/9.50
.085
422
11.60/9.50
.097
667
12.50/9.60
.110
917
16.00/9.90
.120
11±5%
1.7
191
11.60/10.90
.085
420
12.20/10.60
.095
665
13.20/10.50
.110
916
17.00/10.00
.120
12±5%
1.6
189
12.90/11.40
.085
418
13.40/11.50
.095
663
14.60/11.90
.110
914
18.00/12.00
.120
13±5%
1.6
187
13.10/12.90
.080
416
14.00/13.00
.095
661
16.00/13.50
.110
913
21.00/14.00
.120
14±5%
1.5
185
14.90/13.25
.080
414
16.90/14.00
.090
660
19.00/15.00
.110
912
26.00/15.00
.120
15±5%
1.5
182
15.90/14.25
.080
412
17.50/15.30
.090
659
21.00/16.50
.100
911
29.00/17.00
.120
16±5%
1.4
179
17.00/15.15
.070
410
18.00/15.90
.085
657
22.00/17.00
.100
910
30.00/18.00
.120
18±5%
1.3
176
19.50/17.00
.070
408
20.20/17.10
.085
656
23.70/19.00
.100
908
33.00/21.00
.120
22±5%
1.2
170
24.00/20.90
.066
404
25.00/20.90
.080
654
28.00/21.00
.10
906
39.00/21.50
.120
24±5%
1.2
168
26.00/22.80
.066
403
30.00/23.00
.080
653
N/A
.10
905
N/A
.120
27±5%
1.1
165
29.00/25.60
.065
402
36.00/27.00
.080
652
N/A
.10
905
N/A
.120
30±5%
1.0
163
32.00/28.50
.064
401
40.00/30.00
.080
651
N/A
.10
904
N/A
.120
33±5%
1.0
160
37.65/31.35
.064
400
45.00/33.00
.080
650
N/A
.10
904
N/A
.120
* Other tolerances are available, see page 8
Accu-F® / Accu-P®
0603 Typical Electrical Tables


Similar Part No. - 04023J4R7AATTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J4R7AATTR AVX-04023J4R7AATTR Datasheet
458Kb / 20P
   Thin-Film Technology
More results

Similar Description - 04023J4R7AATTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
04023J3R0ABWTR AVX-04023J3R0ABWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J6R8BBWTR AVX-04023J6R8BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023K200FBSTR AVX-04023K200FBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J1R6BBSTR AVX-04023J1R6BBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R6BBWTR AVX-04023J1R6BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R5BBWTR AVX-04023J2R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R9ABSTR AVX-04023J2R9ABSTR Datasheet
217Kb / 19P
   Thin-Film Technology
ACCU-P AVX-ACCU-P Datasheet
1Mb / 25P
   Thin-Film Technology
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com